công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZSSC3036 bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp

tên linh kiện ZSSC3036
Giải thích chi tiết về linh kiện  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3036 bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp

Back Button ZSSC3036 Datasheet HTML 3Page - Renesas Technology Corp ZSSC3036 Datasheet HTML 4Page - Renesas Technology Corp ZSSC3036 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3036 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3036 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3036 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3036 Datasheet HTML 9Page - Renesas Technology Corp ZSSC3036 Datasheet HTML 10Page - Renesas Technology Corp ZSSC3036 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
ZSSC3036 Datasheet
© 2016 Integrated Device Technology, Inc.
7
April 20, 2016
A dynamic power-on-reset circuit is implemented in order to achieve minimum current consumption in idle mode.
The VDD low level and the subsequent rise time and VDD rising slope must meet the requirements in Table 1.1 to
guarantee an overall IC reset; lower VDD low levels allow slower rising of the subsequent on-ramp of VDD. Other
combinations might also be possible. For example, the reset trigger can be influenced by increasing the power-
down time and lowering the VDD rising slope requirement.
Table 1.3
Requirements for VDD Power-on Reset
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Power Down Time (duration of VDD Low Level)
tSPIKE
3
-
-
µs
VDD Low Level
VDDlow
0
-
0.2
V
VDD Rising Slope
SRVDD
10
-
-
V/ms
1.3.
Electrical Parameters
All parameter values are valid only under the specified operating conditions. All voltages are referenced to Vss.
Table 1.4
Electrical Parameters
Note: See important table notes at the end of the table.
Parameter
Symbol
Conditions/Comments
Min
Typ
Max
Unit
Supply
Bridge Supply Voltage,
ADC Reference Voltage
VDDB
Internally generated
1.60
1.67
1.74
V
Current Consumption
IVDD
Active State, average
900
1500
µA
Sleep State, idle current,
≤ 85°C
20
250
nA
Sleep State, idle current,
≤110°C
50
950
nA
Power Supply Rejection
20·log10(VDD/VDDB)
(see section 1.4)
PSRVDD
VDD = 1.8V
17
dB
VDD = 2V
32
dB
Memory Program Voltage
VDD,prog
Required voltage level at VDD pin
2.9
3.6
V
Mean Program Current
IVDD,prog
Mean current consumption during
MTP programming cycle at VDD
6
mA
Peak Program Current
Iprog,max
MTP programming at VDD pin,
dynamic switch-on current draw
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com