công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZSSC3027 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện ZSSC3027
Giải thích chi tiết về linh kiện  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3027 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button ZSSC3027 Datasheet HTML 9Page - Renesas Technology Corp ZSSC3027 Datasheet HTML 10Page - Renesas Technology Corp ZSSC3027 Datasheet HTML 11Page - Renesas Technology Corp ZSSC3027 Datasheet HTML 12Page - Renesas Technology Corp ZSSC3027 Datasheet HTML 13Page - Renesas Technology Corp ZSSC3027 Datasheet HTML 14Page - Renesas Technology Corp ZSSC3027 Datasheet HTML 15Page - Renesas Technology Corp ZSSC3027 Datasheet HTML 16Page - Renesas Technology Corp ZSSC3027 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
ZSSC3027 Datasheet
© 2016 Integrated Device Technology, Inc.
13
April 20, 2016
Table 2.3
Gain Polarity
Gain_polarity (BM_config Bit 5)
Gain
Setting Description
0
+1
No polarity change.
1
-1
Gain polarity is inverted.
The inherent amplifier offset is suppressed by means of auto-zero and chopper techniques. The optimal gain (and
offset) setup for a specific sensor element can be determined by these steps:
1) Collect sensor elements’ characteristic, statistical data (over temperature, ambient sensor parameter, and
over production tolerances):
a. Minimum differential output voltage:
Vmin
b. Maximum differential output voltage:
Vmax
Note: The best possible setup can only be determined if the absolute value of Vmax is bigger than the
absolute value of Vmin. If this is not the case, the gain polarity should be reversed.
2) If Vmin and Vmax have different signs (normally: Vmax is positive and Vmin is negative), then the required
ADC offset shift can be selected using this ratio: RatioOffset = |Vmin| / (Vmax – Vmin).
In this case, the respective offset setup (A2D_offset) is the nearest integer of multiples of 1/16 in the
range of 1/16 to 8/16 (see Table 2.8):
A2D_offset = Round_to_x16
th{Ratio
Offset}.
3) Determine which of the two following cases is valid.
a. If RatioOffset – A2D_offset
≤ 0 then calculate
Theoretical optimum gain: Gainopt =(1 – A2D_offset) * Vref / Vmax
b. If RatioOffset – A2D_offset > 0 then calculate
Theoretical optimum gain: Gainopt = A2D_offset * Vref / |Vmin|
with:
Vref = Vrefp – Vrefn = 0.94·VDDB,min ≈ 1.5V
Finally, select the setup gain (Gainsetup) as the nearest gain to Gainopt, where Gainsetup
≤ Gain
opt.
2.3.2.
Analog-to-Digital Converter
A second-order charge-balancing analog-to-digital converter (ADC) is used to convert the amplifier signal. To
allow optimizing the trade-off between conversion time and resolution, the conversion is split into a MSB coarse
conversion and an LSB fine conversion. The final ADC resolution is determined by MSB + LSB. For the bridge
measurement, the MSB-LSB segmentation is programmable via the Msb and Lsb settings in the BM_config
register (10HEX; see section 3.6.3) stored in the MTP memory (see section 2.4.2). For the temperature
measurement, the MSB-LSB segmentation is programmable via the Temp_ADC settings in the BM_config
register.
The conversion time is proportional to 2
MSB +2LSB. During the MSB coarse conversion, the ADC input signal is
sampled and integrated 2
MSB times, resulting in inherit low-pass behavior and noise suppression. The longer the
MSB coarse conversion is, the better the noise suppression is. Possible settings are listed below in Table 2.4 and
Table 2.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com