| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
INA228 bảng dữ liệu(PDF) 31 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
INA228 bảng dữ liệu(HTML) 31 Page - Texas Instruments |
|
31 / 48 page ![]() The RSHUNT term is the resistance value of the external shunt used to develop the differential voltage across the IN+ and IN– pins. Use Equation 2 for ADCRANGE = 0. For ADCRANGE = 1, the value of SHUNT_CAL must be multiplied by 4. SHUNT_CAL = 13107.2 x 10 6 x CURRENT_LSB x R SHUNT (2) where • 13107.2 x 10e6 is an internal fixed value used to ensure scaling is maintained properly. • the value of SHUNT_CAL must be multiplied by 4 for ADCRANGE = 1. CURRENT_LSB = Maximum Expected Current 2 19 (3) Note that the current is calculated following a shunt voltage measurement based on the value set in the SHUNT_CAL register. If the value loaded into the SHUNT_CAL register is zero, the current value reported through the CURRENT register is also zero. After programming the SHUNT_CAL register with the calculated value, the measured current in Amperes can be read from the CURRENT register. The final value is scaled by CURRENT_LSB and calculated in Equation 4: Current [A] = CURRENT_LSB x CURRENT (4) where • CURRENT is the value read from the CURRENT register The power value can be read from the POWER register as a 24-bit value and converted to Watts by using Equation 5: Power [W] = 3.2 x CURRENT_LSB x POWER (5) where • POWER is the value read from the POWER register. • CURRENT_LSB is the lsb size of the current calculation as defined by Equation 3. The energy value can be read from the ENERGY register as a 40-bit unsigned value in Joules units. The energy value in Joules is converted by using Equation 6: Energy [J] = 16 x 3.2 x CURRENT_LSB x ENERGY (6) www.ti.com INA228 SLYS021 – JANUARY 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 31 Product Folder Links: INA228 |