công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZSC31010CEC bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp

tên linh kiện ZSC31010CEC
Giải thích chi tiết về linh kiện  RBicLiteTM Analog Output Sensor Signal Conditioner
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31010CEC bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp

Back Button ZSC31010CEC Datasheet HTML 5Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 6Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 7Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 8Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 9Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 10Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 11Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 12Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
ZSC31010 Datasheet
© 2016 Integrated Device Technology, Inc.
9
January 20, 2016
1.4.
Analog Inputs versus Output Resolution
The ZSC31010 incorporates an extended 14-bit charge-balanced ADC, which allows for a single gain setting on
the pre-amplifier to handle bridge sensitivities from 1.2 to 36 mV/V while maintaining 8 to 12 bits of output reso-
lution with a default analog gain of 24. Selectable gain settings allow accommodating bridges with different
sensitivities. The tables below illustrate the minimum resolution achievable for a variety of bridge sensitivities. The
yellow shadowed fields indicate that for these input spans with the selected analog gain setting, the quantization
noise is higher than 0.1% FSO.
Table 1.1
ADC Resolution Characteristics for an Analog Gain of 6
Analog Gain 6
Input Span [mV/V]
Allowed Offset
(+/- % of Span)
1)
Minimum Guaranteed
Resolution [Bits]
Min
Typ
Max
57.3
80.0
105.8
38%
13.3
50.6
70.0
92.6
53%
13.1
43.4
60.0
79.4
73%
12.9
36.1
50.0
66.1
101%
12.6
28.9
40.0
52.9
142%
12.3
21.7
30.0
39.7
212%
11.9
1) In addition to Tco, Tcg
Table 1.2
ADC Resolution Characteristics for an Analog Gain of 12
Analog Gain 12
Input Span [mV/V]
Allowed Offset
(+/- % of Span)
1)
Minimum Guaranteed
Resolution [Bits]
Min
Typ
Max
43.3
60.0
79.3
3%
13.0
36.1
50.0
66.1
17%
12.7
25.3
35.0
46.3
53%
12.2
18.0
25.0
33.0
101%
11.7
14.5
20.0
26.45
142%
11.4
7.2
10.0
13.22
351%
10.4
3.6
5.0
6.6
767%
9.4
1) In addition to Tco, Tcg
Note: Yellow shadowing indicates that for these input spans with the selected analog gain setting, the quantization noise is > 0.1% FSO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com