| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZSC31010CEB bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSC31010CEB bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 44 page ![]() ZSC31010 Datasheet © 2016 Integrated Device Technology, Inc. 13 January 20, 2016 ) Tco T B _ Offset Raw _ BR ( ) Tcg T 1 ( B _ Gain ZB ∗ ∆ + + ∗ ∗ ∆ + = ) ZB SOT 25 . 1 ( ZB BR ∗ + = 2.3. Digital Signal Processor A digital signal processor (DSP) is used for processing the converted bridge data as well as for performing temperature correction and for computing the temperature value for output on the digital channel. The DSP reads correction coefficients from the EEPROM and can correct for • Bridge Offset • Bridge Gain • Variation of Bridge Offset over Temperature (Tco) • Variation of Bridge Gain over Temperature (Tcg) • A Single Second Order Effect (SOT - Second Order Term) The EEPROM contains a single SOT that can be applied to correct one and only one of the following: • 2 nd order behavior of bridge measurement • 2 nd order behavior of Tco • 2 nd order behavior of Tcg (For more details, see section 3.6.1.) If the SOT applies to correcting the bridge reading, then the correction formula for the bridge reading is represented as a two step process as follows: (1) (2) ` Where: BR = Corrected Bridge reading that is fed as digital or analog output on Sig™ pin ZB = Intermediate result in the calculations BR_Raw = Raw Bridge reading from ADC T_Raw = Raw Temperature reading converted from PTAT signal Gain_B = Bridge gain term Offset_B = Bridge offset term Tcg = Temperature coefficient gain Tco = Temperature coefficient offset ∆T = (T_Raw - TSETL) T_Raw = Raw Temperature reading converted from PTAT signal TSETL = Raw PTAT reference value (See Technical Note—ZSC31010, ZSC31015, and ZSSC3015 Calibration Sequence, DLL, and EXE for details.) SOT = Second Order Term Note: See section 3.6.2.7 for limitations when SOT applies to the bridge reading. |