| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BUF602IDBVT bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
BUF602IDBVT bảng dữ liệu(HTML) 1 Page - Texas Instruments |
|
1 / 22 page ![]() BurrBrown Products from Texas Instruments FEATURES DESCRIPTION APPLICATIONS Self-Referenced, AC-Coupled, Single-Supply Buffer x1 +V CC x1 2k Ω V OUT V IN ≈ 2kΩInput Z Z O < 2Ω to 20MHz V CC/2 1 µF 200 Ω BUF602 SBOS339 – OCTOBER 2005 High-Speed, Closed-Loop Buffer • Wide Bandwidth: 1000MHz The BUF602 is a closed-loop buffer recommended for a wide range of applications. Its wide bandwidth • High Slew Rate: 8000V/ µs (1000MHz) and high slew rate (8000V/ µs) make it • Flexible Supply Range: ideal for buffering very high-frequency signals. For ±1.4V to ±6.3V Dual Supplies AC-coupled applications, an optional mid-point +2.8V to +12.6V Single Supply reference (VREF) is provided, reducing the number of • Output Current: 60mA (continuous) external components required and the necessary supply current to provide that reference. • Peak Output Current: 350mA • Low Quiescent Current: 5.8mA The BUF602 is available in a standard SO-8 surface-mount package and in an SOT23-5 where a • Standard Buffer Pinout smaller footprint is needed. • Optional Mid-Supply Reference Buffer • Low Impedance Reference Buffers • Clock Distribution Circuits • Video/Broadcast Equipment • Communications Equipment • High-Speed Data Acquisition • Test Equipment and Instrumentation Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2005, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Số phần tương tự - BUF602IDBVT |
|
Mô tả tương tự - BUF602IDBVT |