| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AC11 bảng dữ liệu(PDF) 1 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
AC11 bảng dữ liệu(HTML) 1 Page - 3M Electronics |
|
1 / 3 page ![]() 3 Scotch-Weld ™ Instant Adhesive Activators and Primers AC09 • AC11 • AC113 • AC452 • AC77• AC79 Technical Data January, 2015 Product Description 3M™ Scotch-Weld™ Instant Adhesive Activators and Primers are liquid chemical products used in conjunction with 3M™ Scotch-Weld™ Instant Adhesives. 3M™ Scotch-Weld™ Instant Adhesive Activators AC09, AC11, AC113, and AC452 are activators that promote very fast curing that may be useful for the fast cure of thick bond lines and in bonding situations where the absorption of a lower viscosity cyanoacrylate into a porous substrate needs to be curtailed. These activators may also be used to “fillet-cure” Scotch-Weld cyanoacrylates and to cure adhesives outside the joint. They primarily differ in their solvent base. Scotch-Weld™ AC77 is a cyanoacrylate primer that aids bonding to low surface energy plastic substrates. Scotch-Weld™ AC79 is cyanoacrylate primer for elastomeric substrates. Note: These products should be tested on substrates before use since their overspray or excess may attack certain substrates (especially some plastics) causing unsightly effects. Specific Features • 3M™ Scotch-Weld™ Instant Adhesive Activator AC09 is a fluorinated solvent based activator that is non-flammable. • 3M™ Scotch-Weld™ Instant Adhesive Activator AC11 is a solvent based activator that is especially suitable for use with slower curing, high viscosity grades and with porous substrates where the adhesive must cure before being absorbed into the substrate • 3M™ Scotch-Weld™ Instant Adhesive Activator AC113 is heptane based activator. This activator will not attack plastics. • 3M™ Scotch-Weld™ Instant Adhesive Activator AC452 is an acetone based activator that may attack some plastics. • 3M™ Scotch-Weld™ Instant Adhesive Primer AC77 is designed for difficult-to bond, low surface energy plastics such as polypropylene, polyethylene, and PTFE. This primer needs to be applied to each low surface energy substrate surface. • 3M™ Scotch-Weld™ Instant Adhesive Primer AC79 helps to bind elastomeric materials including silicone. |
Số phần tương tự - AC11 |
|
Mô tả tương tự - AC11 |