| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAT1-10 bảng dữ liệu(PDF) 1 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
MAT1-10 bảng dữ liệu(HTML) 1 Page - 3M Electronics |
|
1 / 4 page ![]() Fire Protection Products 3M™ Interam™ Mat I-10/I-10A Page 1 of 4 Technical Data Sheet September / 2019 Product Description 3M™ Interam™ Mat I-10/I-10A is a ceramic fiber-based material that expands into a low-density insulation blankets when exposed to high temperatures or flames. These mats are used to protect against fire and to act as high temperature sealing mechanisms. The mat can be easily wrapped around complex shapes and surfaces. This feature allows them to be easily incorporated into various fire protection systems such as electrical raceway fire-breaks and fire rated roofing systems. Exposure to fire will cause intumescence or expansion, thus filling openings to block the movement of flames and retard the transfer of heat. The intumescent characteristic of the material offers another unique opportunity for using the mats as a high temperature sealing or mounting device. As a sealant and gasketing material, systems can be engineered to have the mat expand and fill a desired area. The mat’s pressure of expansion can also be used to hold devices in place. The Interam™ Mat I-10/I-10A is lightweight, flexible and easily cut to the desired size and shape. Custom die cut parts are available to simplify installation of gaskets or other uniquely shaped components. Product Features Expands only in thickness direction Non-flame supporting Allows heat dissipation in unexpanded state Inhibits heat transfer when expanded Lightweight and flexible Easily cut to desired size and shape Economical and easy to install — no surface preparation required Applications Electrical circuit protection Cable tray fire-breaks Junction box protection Expansion joints High temperature gasketing Fire rated roofing systems Fire and smoke protection in OEM applications |
Số phần tương tự - MAT1-10 |
|
Mô tả tương tự - MAT1-10 |
|
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |