| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STPMIC1DPQR bảng dữ liệu(PDF) 109 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC1DPQR bảng dữ liệu(HTML) 109 Page - STMicroelectronics |
|
109 / 140 page ![]() 6.5.11 Interrupt source register 1 (INT_SRC_R1) Table 58. INT_SRC_R1 7 6 5 4 3 2 1 0 SWOUT reserved VBUSOTG reserved WKP reserved PKEY reserved R R R R R R R R Address: 0xB0 Type: read register Default: 0x00 Description: interrupt source register 1. Register is reset on RSTn assertion. State bit is 1 as long as event source is active. [7] SWOUT: SWOUT event source state 0: inactive 1: active [6] reserved [5] VBUSOTG: VBUSOTG event source state 0: inactive 1: active [4] reserved [3] WKP: WAKEUP event source state 0: inactive 1: active [2] reserved [1] PKEY: PONKEYn event source state 0: inactive 1: active [0] reserved STPMIC1 Interrupt registers DS12792 - Rev 7 page 109/140 |