công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STPMIC1CPQR bảng dữ liệu(PDF) 62 Page - STMicroelectronics

tên linh kiện STPMIC1CPQR
Giải thích chi tiết về linh kiện  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1CPQR bảng dữ liệu(HTML) 62 Page - STMicroelectronics

Back Button STPMIC1CPQR Datasheet HTML 58Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 59Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 60Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 61Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 62Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 63Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 64Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 65Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 140 page
background image
6
Register description
6.1
User register map
Registers are all default down to 0 at VIN_POR_Fall.
Default value in the table below represents values at POWER_ON when application processor can access I2C
registers.
Value ‘x’ represents:
•
Read/write bits loaded by NVM
•
Read bit status depending on previous operation or event
It is important to highlight that all bits marked "reserved" (-) must be written 0 (reset value). So a read / modify /
write operation into a register is allowed if "reserved" bits are not modified.
STPMIC1
Register description
DS12792 - Rev 7
page 62/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More