công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STPMIC1BPQR bảng dữ liệu(PDF) 44 Page - STMicroelectronics

tên linh kiện STPMIC1BPQR
Giải thích chi tiết về linh kiện  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1BPQR bảng dữ liệu(HTML) 44 Page - STMicroelectronics

Back Button STPMIC1BPQR Datasheet HTML 40Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 41Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 42Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 43Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 44Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 45Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 46Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 47Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 140 page
background image
4.6
USB sub-system examples
The following Figure 50. Battery powered application with a USB OTG port and a USB host port,
Figure 51. Battery powered application with a single USB OTG port , and Figure 52. 5 V DC powered application
with a USB OTG port and two USB host ports show some typical USB sub-system configuration examples:
Figure 50. Battery powered application with a USB OTG port and a USB host port
On this example, a battery supplies the boost converter. When enabled, the boost converter generates a 5.2 V on
BSTOUT.
PWR_USB_SW output (VBUSOTG) is connected, in this example, to a USB Type-μAB connector (OTG). It can
alternatively be connected to a USB Type-C connector.
PWR_SW output (SWOUT) is connected, in this example, to a USB Type-A connector (USB host only). PWR_SW
input (SWIN) is connected to the output of boost converter (BSTOUT).
STPMIC1
USB sub-system examples
DS12792 - Rev 7
page 44/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com