| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32WB35CCV6XXX bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB35CCV6XXX bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 193 page ![]() Introduction STM32WB55xx STM32WB35xx 12/193 DS11929 Rev 10 1 Introduction This document provides the ordering information and mechanical device characteristics of the STM32WB55xx and STM32WB35xx microcontrollers, based on Arm® cores(a). This document must be read in conjunction with the reference manual (RM0434), available from the STMicroelectronics website www.st.com. For information on the Arm® Cortex®-M4 and Cortex®-M0+ cores, refer, respectively, to the Cortex®-M4 Technical Reference Manual and to the Cortex®-M0+ Technical Reference Manual, both available on the www.arm.com website. For information on 802.15.4 refer to the IEEE website (www.ieee.org). For information on Bluetooth® refer to www.bluetooth.com. a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. |