công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLD2132-1EP bảng dữ liệu(PDF) 8 Page - Infineon Technologies AG

tên linh kiện TLD2132-1EP
Giải thích chi tiết về linh kiện  LITIX??Basic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD2132-1EP bảng dữ liệu(HTML) 8 Page - Infineon Technologies AG

Back Button TLD2132-1EP Datasheet HTML 4Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 5Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 6Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 7Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 8Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 9Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 10Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 11Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Datasheet
8
Rev. 1.10
2019-09-26
TLD2132-1EP
LITIX™ Basic+
General product characteristics
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
3.2
Functional range
Note:
Within the Normal Operation range, the IC operates as described in the circuit description. Within the
Extended Operation range, parameters deviations are possible. The electrical characteristics are
specified within the conditions given in the Electrical Characteristics table.
ESD susceptibility all pins to
GND
VESD
-500
–
500
V
CDM3)
P_4.1.37
ESD susceptibility Pin 1, 7, 8, 14
(corner pins) to GND
VESD1,7,8,1
4
-750
–
750
V
CDM3)
P_4.1.38
1) Not subject to production test, specified by design
2) ESD susceptibility, HBM according to ANSI/ESDA/JEDEC JS001 (1.5 kΩ, 100 pF)
3) ESD susceptibility, Charged Device Model “CDM” according JEDEC JESD22-C101
Table 3
Functional range
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Voltage range for normal
operation
VS(nom) 5.5
–
18
V
–
P_4.2.1
Extended supply voltage for
functional range
VS(ext)
VSUV(ON) –40
V
–
P_4.2.2
Junction temperature
TJ
-40
–
150
°C
–
P_4.2.4
Table 2
Absolute maximum ratings1) (cont’d)
TJ = -40°C to +150°C; RIN_SET = 10 kΩ; all voltages with respect to GND, positive current flowing into input and
I/O pins, positive current flowing out from output pins (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com