công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32WB55CCU6TR bảng dữ liệu(PDF) 29 Page - STMicroelectronics

tên linh kiện STM32WB55CCU6TR
Giải thích chi tiết về linh kiện  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU6TR bảng dữ liệu(HTML) 29 Page - STMicroelectronics

Back Button STM32WB55CCU6TR Datasheet HTML 25Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 26Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 27Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 28Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 29Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 30Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 31Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 32Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 193 page
background image
DS11929 Rev 10
29/193
STM32WB55xx STM32WB35xx
Functional overview
57
Figure 7. STM32WB55xx - Power supply overview
1. The USB transceiver is powered by VDDUSB, and the GPIOs associated with USB are powered by VDDUSB
when USB alternate function (PA11 and PA12) is selected. When USB alternate function is not selected
the GPIOs associated with USB are powered as standard GPIOs.
MS41410V7
VBAT
IOs
Wakeup domain (VDDIO)
Analog domain
Interruptible domain (VDD12I)
Switch domain (VSW)
(CPU1, CPU2,
peripherals,
SRAM1,
SRAM2b)
Power switch
VBAT
ADC
VDDA
VREF+
VREF-
VSSA
VDD
HSI, HSE1,
2xPLL,
LSI1, LSI2,
IWDG, RF
IOs
VSS
REF_BUF
VSS
IO
logic
VREF+
VSW
LSE, RTC,
backup
registers
IO
logic
Backup domain
SMPS
Power switch
VSS
VBKP12
SRAM2a
Power
switch
VSS
On domain (VDD12O)
Power
switch
VSS
SysConfig, AIEC,
RCC, PwrCtrl,
LPTIM, LPUSART
=
=
VUSB
IOs
USB domain (VUSB)
VSS
VSS
USB
transceiver
(1)
VDDUSB
LCD
VLCD
LPR
MR
RFR
VLXSMPS
VFBSMPS
VDDSMPS
RF domain
Radio
VDDRF
VSSRF
(including exposed pad)
VSS
VSSSMPS
VSS
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com