công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L552CCU6QXXX bảng dữ liệu(PDF) 72 Page - STMicroelectronics

tên linh kiện STM32L552CCU6QXXX
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552CCU6QXXX bảng dữ liệu(HTML) 72 Page - STMicroelectronics

Back Button STM32L552CCU6QXXX Datasheet HTML 68Page - STMicroelectronics STM32L552CCU6QXXX Datasheet HTML 69Page - STMicroelectronics STM32L552CCU6QXXX Datasheet HTML 70Page - STMicroelectronics STM32L552CCU6QXXX Datasheet HTML 71Page - STMicroelectronics STM32L552CCU6QXXX Datasheet HTML 72Page - STMicroelectronics STM32L552CCU6QXXX Datasheet HTML 73Page - STMicroelectronics STM32L552CCU6QXXX Datasheet HTML 74Page - STMicroelectronics STM32L552CCU6QXXX Datasheet HTML 75Page - STMicroelectronics STM32L552CCU6QXXX Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 340 page
background image
Functional overview
STM32L552xx
72/340
DS12737 Rev 6
TAMP main features:
•
32 backup registers:
–
The backup registers (TAMP_BKPxR) are implemented in the RTC domain that
remains powered-on by VBAT when the VDD power is switched off
•
8 external tamper detection events
–
Each external event can be configured to be active or passive
–
External passive tampers with configurable filter and internal pull-up
•
5 internal tamper events
•
Any tamper detection can generate a RTC timestamp event
•
Any tamper detection can erase the backup registers
•
TrustZone support:
–
Tamper secure or non-secure configuration.
–
Backup registers configuration in 3 configurable-size areas:
1 read/write secure area
1 write secure/read non-secure area
1 read/write non-secure area
•
Monotonic counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More