| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCI6QXXX bảng dữ liệu(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCI6QXXX bảng dữ liệu(HTML) 67 Page - STMicroelectronics |
|
67 / 340 page ![]() DS12737 Rev 6 67/340 STM32L552xx Functional overview 78 3.28 True random number generator (RNG) The RNG is a true random number generator that provides full entropy outputs to the application as 32-bit samples. It is composed of a live entropy source (analog) and an internal conditioning component. The RNG is a NIST SP 800-90B compliant entropy source that can be used to construct a non-deterministic random bit generator (NDRBG). The true random number generator: • delivers 32-bit true random numbers, produced by an analog entropy source conditioned by a NIST SP800-90B approved conditioning stage, • can be used as entropy source to construct a non-deterministic random bit generator (NDRBG), • produces four 32-bit random samples every 412 AHB clock cycles if fAHB < 77 MHz (256 RNG clock cycles otherwise), • embeds start-up and NIST SP800-90B approved continuous health tests (repetition count and adaptive proportion tests), associated with specific error management, • can be disabled to reduce power consumption, or enabled with an automatic low-power mode (default configuration), • has an AMBA AHB slave peripheral, accessible through 32-bit word single accesses only (else an AHB bus error is generated, and the write accesses are ignored). 3.29 HASH hardware accelerator (HASH) The hash processor is a fully compliant implementation of the secure hash algorithm (SHA- 1, SHA-224, SHA-256), the MD5 (message-digest algorithm 5) hash algorithm and the HMAC (keyed-hash message authentication code) algorithm suitable for a variety of applications. It computes a message digest (160 bits for the SHA-1 algorithm, 256 bits for the SHA-256 algorithm and 224 bits for the SHA-224 algorithm,128 bits for the MD5 algorithm) for messages of up to (264 - 1) bits, while the HMAC algorithms provide a way of authenticating messages by means of hash functions. The HMAC algorithms consist in calling the SHA-1, SHA-224, SHA-256 or MD5 hash function twice. 3.30 Timers and watchdogs The devices include two advanced control timers, up to nine general-purpose timers, two basic timers, two low-power timers, two watchdog timers and a SysTick timer. Table 16 compares the features of the advanced control, general-purpose and basic timers. |