công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L552VCI6PTR bảng dữ liệu(PDF) 338 Page - STMicroelectronics

tên linh kiện STM32L552VCI6PTR
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI6PTR bảng dữ liệu(HTML) 338 Page - STMicroelectronics

Back Button STM32L552VCI6PTR Datasheet HTML 332Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 333Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 334Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 335Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 336Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 337Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 338Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 339Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 340Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 338 / 340 page
background image
Revision history
STM32L552xx
338/340
DS12737 Rev 6
14-May-2020
4 (continued)
Added:
– Table 28: SMPS modes summary
– Table 29: SMPS characteristics
– Table 62: Current consumption in Run mode, code
with data processing running from Flash in single
bank, ICACHE ON in 2-way and power supplied by
external SMPS.
– Table 63: Current consumption in Run mode, code
with data processing running from Flash in single
bank, ICACHE ON in 1-way and power supplied by
external SMPS.
– Table 64: Current consumption in Run mode, code
with data processing running from Flash in single
bank, ICACHE disabled and power supplied by
external SMPS.
– Table 65: Current consumption in Run mode, code
with data processing running from Flash in dual bank,
ICACHE on in 2-way and power supplied by external
SMPS.
– Table 66: Current consumption in Run mode, code
with data processing running from Flash in dual bank,
ICACHE on in 1-way and power supplied by external
SMPS.
– Table 67: Current consumption in Run mode, code
with data processing running from Flash in dual bank,
ICACHE disabled and power supplied by external
SMPS.
– Table 68: Current consumption in Run mode, code
with data processing running from SRAM1, and power
supplied by external SMPS.
– Table 69: Current consumption in Run mode, code
with data processing running from SRAM2, and power
supplied by external SMPS.
– Table 70: Current consumption in Sleep mode, Flash
ON and power supplied by external SMPS.
– Table 71: Current consumption in Run mode, code
with data processing running from Flash, ICACHE on
(2-way) and power supplied by external SMPS.
– Table 72: Current consumption in Run mode, code
with data processing running from Flash, ICACHE on
(1-way) and power supplied by external SMPS.
– Table 73: Current consumption in Run mode, code
with data processing running from Flash, ICACHE
disabled and power supplied by external SMPS.
– Table 74: Current consumption in Run mode, code
with data processing running from SRAM1, and power
supplied by external SMPS.
– Table 75: Current consumption in Run mode, code
with data processing running from SRAM2, and power
supplied by external SMPS.
Table 164. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com