| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCI6PTR bảng dữ liệu(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCI6PTR bảng dữ liệu(HTML) 62 Page - STMicroelectronics |
|
62 / 340 page ![]() Functional overview STM32L552xx 62/340 DS12737 Rev 6 3.21.2 Internal voltage reference (VREFINT) The internal voltage reference (VREFINT) provides a stable (bandgap) voltage output for the ADC and the comparators. The VREFINT is internally connected to the ADC1_IN0 input channel. The precise voltage of VREFINT is individually measured for each part by ST during production test and stored in the system memory area. It is accessible in read-only mode. 3.21.3 VBAT battery voltage monitoring This embedded hardware enables the application to measure the VBAT battery voltage using the internal ADC channel ADC1_IN18. As the VBAT voltage may be higher than the VDDA, and thus outside the ADC input range, the VBAT pin is internally connected to a bridge divider by 3. As a consequence, the converted digital value is one third of the VBAT voltage. Table 14. Temperature sensor calibration values Calibration value name Description Memory address TS_CAL1 TS ADC raw data acquired at a temperature of 30 °C (± 5 °C), VDDA = VREF+ = 3.0 V (± 10 mV) 0x0BFA 05A8 - 0x0BFA 05A9 TS_CAL2 TS ADC raw data acquired at a temperature of 130 °C (± 5 °C), VDDA = VREF+ = 3.0 V (± 10 mV) 0x0BFA 05CA- 0x0BFA 05CB Table 15. Internal voltage reference calibration values Calibration value name Description Memory address VREFINT Raw data acquired at a temperature of 30 °C (± 5 °C), VDDA = VREF+ = 3.0 V (± 10 mV) 0x0BFA 05AA - 0x0BFA 05AB |