| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L031C4T3SDTR bảng dữ liệu(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031C4T3SDTR bảng dữ liệu(HTML) 67 Page - STMicroelectronics |
|
67 / 126 page ![]() DS10668 Rev 6 67/126 STM32L031x4/6 Electrical characteristics 96 Table 36. Low-power mode wakeup timings Symbol Parameter Conditions Typ Max Unit tWUSLEEP Wakeup from Sleep mode fHCLK = 32 MHz 7 8 Number of clock cycles tWUSLEEP_ LP Wakeup from Low-power sleep mode, fHCLK = 262 kHz fHCLK = 262 kHz Flash memory enabled 78 fHCLK = 262 kHz Flash memory switched OFF 910 tWUSTOP Wakeup from Stop mode, regulator in Run mode fHCLK = fMSI = 4.2 MHz 5.0 8 µs fHCLK = fHSI = 16 MHz 4.9 7 fHCLK = fHSI/4 = 4 MHz 8.0 11 Wakeup from Stop mode, regulator in low- power mode fHCLK = fMSI = 4.2 MHz Voltage range 1 5.0 8 fHCLK = fMSI = 4.2 MHz Voltage range 2 5.0 8 fHCLK = fMSI = 4.2 MHz Voltage range 3 5.0 8 fHCLK = fMSI = 2.1 MHz 7.3 13 fHCLK = fMSI = 1.05 MHz 13 23 fHCLK = fMSI = 524 kHz 28 38 fHCLK = fMSI = 262 kHz 51 65 fHCLK = fMSI = 131 kHz 100 120 fHCLK = MSI = 65 kHz 200 260 fHCLK = fHSI = 16 MHz 4.9 7 fHCLK = fHSI/4 = 4 MHz 8.0 11 Wakeup from Stop mode, regulator in low- power mode, code running from RAM fHCLK = fHSI = 16 MHz 4.9 7 fHCLK = fHSI/4 = 4 MHz 7.9 10 fHCLK = fMSI = 4.2 MHz 4.7 8 tWUSTDBY Wakeup from Standby mode FWU bit = 1 fHCLK = MSI = 2.1 MHz 65 130 Wakeup from Standby mode FWU bit = 0 fHCLK = MSI = 2.1 MHz 2.2 3 ms |