công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L073CBY7DTR bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện STM32L073CBY7DTR
Giải thích chi tiết về linh kiện  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L073CBY7DTR bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  STM32L073CBY7DTR Datasheet HTML 1Page - STMicroelectronics STM32L073CBY7DTR Datasheet HTML 2Page - STMicroelectronics STM32L073CBY7DTR Datasheet HTML 3Page - STMicroelectronics STM32L073CBY7DTR Datasheet HTML 4Page - STMicroelectronics STM32L073CBY7DTR Datasheet HTML 5Page - STMicroelectronics STM32L073CBY7DTR Datasheet HTML 6Page - STMicroelectronics STM32L073CBY7DTR Datasheet HTML 7Page - STMicroelectronics STM32L073CBY7DTR Datasheet HTML 8Page - STMicroelectronics STM32L073CBY7DTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 157 page
background image
STM32L073xx
2/157
DS10685 Rev 6
• 11x peripheral communication interfaces
– 1x USB 2.0 crystal-less, battery charging
detection and LPM
– 4x USART (2 with ISO 7816, IrDA), 1x
UART (low power)
– Up to 6x SPI 16 Mbits/s
– 3x I2C (2 with SMBus/PMBus)
• 11x timers: 2x 16-bit with up to 4 channels, 2x
16-bit with up to 2 channels, 1x 16-bit ultra-low-
power timer, 1x SysTick, 1x RTC, 2x 16-bit
basic for DAC, and 2x watchdogs
(independent/window)
• CRC calculation unit, 96-bit unique ID
• True RNG and firewall protection
• All packages are ECOPACK2
Table 1. Device summary
Reference
Part number
STM32L073x8
STM32L073V8
STM32L073xB
STM32L073VB, STM32L073RB, STM32L073CB
STM32L073xZ
STM32L073VZ, STM32L073RZ, STM32L073CZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More