| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32G474PBU3TR bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474PBU3TR bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 236 page ![]() Functional overview STM32G474xB STM32G474xC STM32G474xE 40/236 DS12288 Rev 5 3.27 Infrared transmitter The STM32G474xB/xC/xE devices provide an infrared transmitter solution. The solution is based on internal connections between TIM16 and TIM17 as shown in the figure below. TIM17 is used to provide the carrier frequency and TIM16 provides the main signal to be sent. The infrared output signal is available on PB9 or PA13. To generate the infrared remote control signals, TIM16 channel 1 and TIM17 channel 1 must be properly configured to generate correct waveforms. All standard IR pulse modulation modes can be obtained by programming the two timers output compare channels. Figure 4. Infrared transmitter MS30474V2 TIM17_CH1 TIM16_CH1 IRTIM IR_OUT |