công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32MP157AAA1T bảng dữ liệu(PDF) 26 Page - STMicroelectronics

tên linh kiện STM32MP157AAA1T
Giải thích chi tiết về linh kiện  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157AAA1T bảng dữ liệu(HTML) 26 Page - STMicroelectronics

Back Button STM32MP157AAA1T Datasheet HTML 22Page - STMicroelectronics STM32MP157AAA1T Datasheet HTML 23Page - STMicroelectronics STM32MP157AAA1T Datasheet HTML 24Page - STMicroelectronics STM32MP157AAA1T Datasheet HTML 25Page - STMicroelectronics STM32MP157AAA1T Datasheet HTML 26Page - STMicroelectronics STM32MP157AAA1T Datasheet HTML 27Page - STMicroelectronics STM32MP157AAA1T Datasheet HTML 28Page - STMicroelectronics STM32MP157AAA1T Datasheet HTML 29Page - STMicroelectronics STM32MP157AAA1T Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 259 page
background image
Functional overview
STM32MP157A/D
26/259
DS12504 Rev 5
3.6
TrustZone address space controller for DDR (TZC)
TZC is used to filter read/write accesses to DDR controller according to TrustZone rights
and according to non-secure master (NSAID) on up to 9 programmable regions.
•
Configuration is supported by trusted software only
•
2 filter units working concurrently
•
9 regions:
–
region 0 is always enabled and covers the whole address range.
–
regions 1 to 8 have programmable base/end address and can be assigned to any
one or both filters.
•
Secure and non-secure access permissions programmed per region
•
Non-secure accesses are filtered according to NSAID
•
Regions controlled by same filter must not overlap
•
Fail modes with error and/or interrupt
•
Acceptance capability = 256
•
Gate keeper logic to enable and disable of each filter
•
Speculative accesses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More