| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L041C6T6SDTR bảng dữ liệu(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L041C6T6SDTR bảng dữ liệu(HTML) 67 Page - STMicroelectronics |
|
67 / 123 page ![]() DS10780 Rev 6 67/123 STM32L041x6 Electrical characteristics 95 6.3.6 External clock source characteristics High-speed external user clock generated from an external source In bypass mode the HSE oscillator is switched off and the input pin is a standard GPIO.The external clock signal has to respect the I/O characteristics in Section 6.3.12. However, the recommended clock input waveform is shown in Figure 20. Figure 20. High-speed external clock source AC timing diagram Table 37. High-speed external user clock characteristics(1) 1. Guaranteed by design. Symbol Parameter Conditions Min Typ Max Unit fHSE_ext User external clock source frequency CSS is on or PLL is used 18 32 MHz CSS is off, PLL not used 08 32 MHz VHSEH OSC_IN/CK_IN(2) input pin high level voltage 2. HSE external user clock is applied to OSC_IN on LQFP48 package and to CK_IN on other packages. - 0.7VDD -VDD V VHSEL OSC_IN/CK_IN(2) input pin low level voltage VSS -0.3VDD tw(HSE) tw(HSE) OSC_IN/CK_IN(2) high or low time 12 - - ns tr(HSE) tf(HSE) OSC_IN/CK_IN(2) rise or fall time - - 20 Cin(HSE) OSC_IN/CK_IN(2) input capacitance - 2.6 - pF DuCy(HSE) Duty cycle 45 - 55 % IL OSC_IN/CK_IN(2) Input leakage current VSS ≤VIN ≤VDD -- ±1 µA |