| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32G47CEU6TR bảng dữ liệu(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G47CEU6TR bảng dữ liệu(HTML) 82 Page - STMicroelectronics |
|
82 / 229 page ![]() Electrical characteristics STM32G473xB STM32G473xC STM32G473xE 82/229 DS12712 Rev 3 3. For operation with voltage higher than Min (VDD, VDDA) +0.3 V, the internal Pull-up and Pull-Down resistors must be disabled. 4. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see Section 6.10: Thermal characteristics). |