công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE8457DLE bảng dữ liệu(PDF) 19 Page - Infineon Technologies AG

tên linh kiện TLE8457DLE
Giải thích chi tiết về linh kiện  LIN Transceiver with integrated voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457DLE bảng dữ liệu(HTML) 19 Page - Infineon Technologies AG

Back Button TLE8457DLE Datasheet HTML 15Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 16Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 17Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 18Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 19Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 20Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 21Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 22Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Data Sheet
19
Rev. 1.1
2018-10-15
TLE8457C / TLE8457D
LIN Transceiver with integrated voltage regulator
General product characteristics
5.3
Thermal characteristics
Note:
This thermal data was generated in accordance with JEDEC JESD51 standards. For more
information, please visit www.jedec.org.
Table 5
Thermal resistance1)
1) Not subject to production test, specified by design.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Thermal resistance, PG-DSO-8 package version
Junction to ambient
RthJA
–
130
–
K/W 2)
2) Specified RthJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The product
(IC+package) was simulated on a 76.2 × 114.3 × 1.5 mm3 board with 2 inner copper layers (2 × 70 μmCu,
2×35 μm Cu). Where applicable a thermal via array under the exposed pad contacted to the first inner copper layer.
P_5.3.1
Thermal resistance, PG-TSON-8 package version
Junction to ambient
RthJA
–60
–
K/W 2)
P_5.3.2
Junction to ambient
–
190
–
K/W Footprint only3)
3) Specified RthJA value is according to Jedec JESD51-3 at natural convection on FR4 1s0p board; The product
(IC+package) was simulated on a 76.2 × 114.3 × 1.5 mm3 board with 1 inner copper layer (1 × 70 μmCu).
P_5.3.5
Junction to ambient
–
70
–
K/W 300 mm2 heatsink on
PCB3)
P_5.3.6
Thermal shutdown junction temperature
Thermal shutdown temperature TJSD
160
180
200
°C
TJSD increasing
P_5.3.3
Thermal shutdown hysteresis
ΔT
–10
–
K
TJSD decreasing
P_5.3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com