công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSCT07A-UH5 bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện FSCT07A-UH5
Giải thích chi tiết về linh kiện  FAN SPEED CONTROLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FSCT07A-UH5 bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button FSCT07A-UH5 Datasheet HTML 3Page - STMicroelectronics FSCT07A-UH5 Datasheet HTML 4Page - STMicroelectronics FSCT07A-UH5 Datasheet HTML 5Page - STMicroelectronics FSCT07A-UH5 Datasheet HTML 6Page - STMicroelectronics FSCT07A-UH5 Datasheet HTML 7Page - STMicroelectronics FSCT07A-UH5 Datasheet HTML 8Page - STMicroelectronics FSCT07A-UH5 Datasheet HTML 9Page - STMicroelectronics FSCT07A-UH5 Datasheet HTML 10Page - STMicroelectronics FSCT07A-UH5 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
FSCTxxA-UH5
11/11
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not au-
thorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics.
All other names are the property of their respective owners.
© 2003 STMicroelectronics - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany -
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain -
Sweden - Switzerland - United Kingdom - United States
www.st.com
Order code
Marking
Package
Weight
Delivery mode
Base qty
FSCT17A-UH5
FSCT17A
IPPAK
0.4 g
Tube
75
FSCT11A-UH5
FSCT11A
FSCT07A-UH5
FSCT07A
PACKAGE MECHANICAL DATA
IPPAK
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max
Min.
Typ.
Max.
A
2.20
2.40
0.086
0.094
A1
0.90
1.10
0.035
0.043
B
0.40
0.60
0.015
0.023
B2
5.20
5.40
0.204
0.212
B3
0.70
0.027
B5
0.30
0.011
B6
1.00
0.039
C
0.45
0.60
0.017
0.023
C2
0.48
0.60
0.018
0.023
D
6.00
6.20
0.236
0.244
E
6.40
6.60
0.215
0.259
e
1.27
0.050
G
4.9
5.25
0.192
0.206
G1
2.38
2.70
0.093
0.106
H
15.90
16.30 0.625
0.641
L
9.00
9.40
0.354
0.370
L1
0.80
1.20
0.031
0.047
L2
0.80
1.00
0.031 0.039
V1
10°
10°
H
L1
G1
B
L2
E
B2
D
A1
C
A
C2
G
B3
B6
L
e
V1
B5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com