công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSCT17A-UH5 bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện FSCT17A-UH5
Giải thích chi tiết về linh kiện  FAN SPEED CONTROLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FSCT17A-UH5 bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button FSCT17A-UH5 Datasheet HTML 3Page - STMicroelectronics FSCT17A-UH5 Datasheet HTML 4Page - STMicroelectronics FSCT17A-UH5 Datasheet HTML 5Page - STMicroelectronics FSCT17A-UH5 Datasheet HTML 6Page - STMicroelectronics FSCT17A-UH5 Datasheet HTML 7Page - STMicroelectronics FSCT17A-UH5 Datasheet HTML 8Page - STMicroelectronics FSCT17A-UH5 Datasheet HTML 9Page - STMicroelectronics FSCT17A-UH5 Datasheet HTML 10Page - STMicroelectronics FSCT17A-UH5 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FSCTxxA-UH5
7/6
Time
2
3
TOFF
TON
Tj
TP
1
Fig. 8: Temperature evolution cases in mode OFF.
3. Internal temperature sensor
3.1 Temperature sensor linear response
FSCT devices feature an internal temperature sensor. This sensor results directly from silicon properties. It
is actually a voltage reference which is proportional to the absolute temperature, as it is an image of the Sili-
con thermal voltage "Vt" (refer to the following equation).
Vt
kT
q
= ⋅ with:
k Boltzmann cons
t
T absolute temperature K
q
:
tan
:(
)
.
=⋅
16 10
19
−
C
This sensing method, which presents a positive temperature coefficient of +2mV/°C is preferred to a VBE
sensing method (-2mV/°C, sometimes used in thermal protections) because of its better accuracy (low im-
pact of process dispersions).
This signal is then processed to provide the desired OUT voltage range.
This internal sensor allows users not to use a Negative Temperature Coefficient thermistor (NTC).
Hence, users get rid of Joule effect, due to NTC bias current, that disturbs the temperature measurement.
Furthermore, the FSCT response is linear with the temperature. This simplifies the thermal study and the
heat sink rating for the power supply components or for the microprocessor.
NTC thermistors users need also to add a fixed resistor in order to get a linear thermal response from such
kind of sensor. The linear behavior is also only ensured for a restricted temperature range.
3.2 IPPAK mounting considerations
First, it should be noted that the tab is directly connected to the GND pin; then care must be taken when the
FSCT is glued to a heatsink. If this heatsink is at a differential voltage that the Ground, an electrical insula-
tor has to be added between the tab and the heat-sink.
Using non-isolated Through-Hole package like the IPPAK offers also a lot of benefits, compared to NTC
bulbs. Indeed, NTC do not offer a flat area like IPPAK package. Users need to add some glue to ensure
contact of the NTC bulb and the heat sink, at the cost of an increase in the thermal impedance and
response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com