công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AXF6D1012 bảng dữ liệu(PDF) 3 Page - Panasonic Semiconductor

tên linh kiện AXF6D1012
Giải thích chi tiết về linh kiện  Automation Controls Catalog
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXF6D1012 bảng dữ liệu(HTML) 3 Page - Panasonic Semiconductor

  AXF6D1012 Datasheet HTML 1Page - Panasonic Semiconductor AXF6D1012 Datasheet HTML 2Page - Panasonic Semiconductor AXF6D1012 Datasheet HTML 3Page - Panasonic Semiconductor AXF6D1012 Datasheet HTML 4Page - Panasonic Semiconductor AXF6D1012 Datasheet HTML 5Page - Panasonic Semiconductor AXF6D1012 Datasheet HTML 6Page - Panasonic Semiconductor AXF6D1012 Datasheet HTML 7Page - Panasonic Semiconductor AXF6D1012 Datasheet HTML 8Page - Panasonic Semiconductor AXF6D1012 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
High current connectors
A35UH (0.35mm pitch)
–3–
ACCTB100E 201803-T
2. Material and surface treatment
DIMENSIONS (Unit: mm)
Socket (Mated height: 0.6 mm)
Header (Mated height: 0.6 mm)
Socket and Header are mated
Part name
Material
Surface treatment
Molded portion
LCP resin (UL94V-0)
—
Contact and Post
Power terminal
Copper alloy
Contact portion: Base: Ni plating Surface: Au plating
Terminal portion:
Base: Ni plating Surface: Au plating (except the terminal tips)
The terminals close to the portion to be soldered have nickel barriers (exposed nickel portions).
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
The CAD data of the products with a
External dimensions
0.59
(Contact and power
terminals)
Terminal coplanarity
0.08
※1:Since power terminals are built into the body, the Y and Z parts are
connected electrically.
※2:Excluding the terminal section, a difference may occur in the exposure of the
power terminals.
Please do not use this part for product inspection.
General tolerance: ±0.2
(0.55)
※2
Power
terminal
Signal
terminal
※2
C±0.1
0.30±0.03
Z※1
Y※1
A
0.35±0.05
0.35±0.05
0.35±0.05
0.12±0.03
B±0.1
Dimension table
A
B
C
10
4.25
1.40
3.45
12
4.60
1.75
3.80
16
5.30
2.45
4.50
20
6.00
3.15
5.20
24
6.70
3.85
5.90
30
7.75
4.90
6.95
34
8.45
5.60
7.65
40
9.50
6.65
8.70
44
10.20
7.35
9.40
50
11.25
8.40
10.45
54
11.95
9.10
11.15
60
13.00
10.15
12.20
70
14.75
11.90
13.95
Dimensions
Number
of pins
External dimensions
0.12±0.03
A
B±0.1
Power
terminal
0.08±0.03
C±0.1
Signal
terminal
0.46
(Post and power
terminals)
Terminal coplanarity
0.08
General tolerance: ±0.2
0.35±0.05
0.35±0.05
0.35±0.05
Dimension table
A
B
C
10
3.55
1.40
3.17
12
3.90
1.75
3.52
16
4.60
2.45
4.22
20
5.30
3.15
4.92
24
6.00
3.85
5.62
30
7.05
4.90
6.67
34
7.75
5.60
7.37
40
8.80
6.65
8.42
44
9.50
7.35
9.12
50
10.55
8.40
10.17
54
11.25
9.10
10.87
60
12.30
10.15
11.92
70
14.05
11.90
13.67
Dimensions
Number
of pins
Socket
Header



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com