công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3750LM bảng dữ liệu(PDF) 2 Page - 3M Electronics

tên linh kiện 3750LM
Giải thích chi tiết về linh kiện  3M Hot Melt Adhesive
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  3M [3M Electronics]
Trang chủ  http://www.3m.com
Logo 3M - 3M Electronics

3750LM bảng dữ liệu(HTML) 2 Page - 3M Electronics

  3750LM Datasheet HTML 1Page - 3M Electronics 3750LM Datasheet HTML 2Page - 3M Electronics 3750LM Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M™ Hot Melt Adhesive
3750LM • 3750
Directions for
Use (continued)
2.
Coverage:3M™ Hot Melt Adhesives yield approximately 430 linear feet per pound of
adhesive when extruded as a 1/8” diameter semi-circular bead.
3.
Set Time: After the bond is made, 3M™ Hot Melt Adhesives immediately build strength
and no clamping is necessary.Setwilloccurfasteroncoldor metallic substrates.
Typical
Application
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes
(1) Recommended application temperature range. Temperature can be adjusted to regulate desired
viscosity, delivery rate and pot life
(2) Brookfield Thermocel Viscometer in Centipoise using a #27 Spindle @ 10 RPM.
(3) For 1/8” semicircular bead, Douglas Fir to Douglas Fir
(4) Extrusion time for one 1”x3” PG cartridge
Typical
Performance
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
(1) Highest temperature that the adhesive will support a 2 psi dead load
(2) ASTM E28-67
(3) Douglas Fir to Douglas Fir
(4) Canvas to Douglas Fir
(5) Permitted for indirect food contact subject to the limitations in applicable CFR section(s)
3M™ Hot Melt Adhesive
3750LM
3750 Tan
3750 Clear
Application
Temperature 1
250-270°F/
121-132°C
350-385°F/
177-196°C
350-385°F/
177-196°C
Viscosity (cps)2
4000 @ 250°F
1900 @ 375°F
4800 @ 375°F
Open Time
(seconds)3
25
30
40
Delivery Time
(seconds)4
45
30-40
35-45
Available
sizes/forms
1/2”x12”AE
1/2”x12”AE
1/2”x10”AE
3M™ Hot Melt Adhesive
3750LM
3750 Tan
3750 Clear
Heat Resistance1
128°F/ 54°C
125°F/ 52°C
135°F/ 57°C
Ball & Ring Melt
Point2
200°F/ 95°C
200°F/ 93°C
178°F/ 81°C
Shear Strength3
475 psi
500 psi
250 psi
Peel Strength4
6 pwi
6 pwi
12 pwi
UL94 Listing
n/a
n/a
n/a
FDA Indirect
Food Contact5
21 CFR 175.105
n/a
n/a



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com