| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F091CCY6TP bảng dữ liệu(PDF) 99 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F091CCY6TP bảng dữ liệu(HTML) 99 Page - STMicroelectronics |
|
99 / 128 page ![]() DocID026284 Rev 4 99/128 STM32F091xB STM32F091xC Electrical characteristics 99 Figure 32. I2S master timing diagram (Philips protocol) 1. Data based on characterization results, not tested in production. 2. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first byte. CAN (controller area network) interface Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate function characteristics (CAN_TX and CAN_RX). |