| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLQ020C33R bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLQ020C33R bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 31 page ![]() 2 Pin configuration Figure 3. Pin configuration Table 1. Pin description Symbol SOT323-5L DFN6-2x2 Flip-Chip4 Description VIN 1 6 A1 LDO supply voltage VOUT 5 1 A2 LDO output voltage GND 2 3 B2 Ground EN 3 4 B1 Enable input: set VEN = high to turn on the device; VEN = low to turn off the device. Not internally pulled-up, don’t leave floating. NC/ADJ 4 2 - Adjustable pin (only on ADJ version). Connect to external resistor divider. Not connected on the fixed version NC - 5 - Not internally connected: it can be connected to GND Exposed pad - Exposed pad - Must be connected to GND STLQ020 Pin configuration DS12072 - Rev 3 page 3/31 |