| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3313 bảng dữ liệu(PDF) 1 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
3313 bảng dữ liệu(HTML) 1 Page - 3M Electronics |
|
1 / 2 page ![]() Conductive Copper Foil Tape 3313 Information Sheet Product Description 3M™ Conductive Copper Foil Tape 3313 is a 1.4 mil (36 micron) special electrolytic grade, zero temper, high tensile copper foil with an aggressive conductive acrylic adhesive system. This copper foil readily accepts solder and is extremely malleable. 3M tape 3313 is used in diverse industrial and electrical applications such as printed circuit manufacture and repair, flexible flat conductor, electrostatic and EMI/RFI shielding. Product Construction Copper foil Conductive acrylic adhesive Release liner Features & Benefits • UL 510 Listed • Malleable copper foil conforms well to irregular contours • Good “wetting out” capabilities to all surfaces • Bonds to low surface energy materials and difficult textured surfaces Typical Physical Properties If technical data is required, please contact your 3M sales professional or customer service representative to enter a technical service request for the specific data needed. |
Số phần tương tự - 3313 |
|
Mô tả tương tự - 3313 |