| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RT48 bảng dữ liệu(PDF) 1 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
RT48 bảng dữ liệu(HTML) 1 Page - 3M Electronics |
|
1 / 6 page ![]() 3 Scotch-WeldTM Retaining Compound Anaerobic Adhesives RT09 • RT20G • RT38 • RT41 • RT48 Technical Data November 2016 Product Description 3M™ Scotch-Weld™ Retaining Compound Anaerobic Adhesives are one- component anaerobic adhesives designed to secure cylindrical metal assemblies such as bearings on shafts, bushings, sleeves, housings, and keyways. They prevent loosening, corrosion and leakage caused by shock and vibration. Specific Features 3M™ Scotch-Weld™ General Purpose Retaining Compound RT09 is a general purpose, medium strength, removable, low viscosity retaining compound that prevents spin-out for rigid assemblies such as locking bushings and sleeves in housings or on shafts, bonding rotors to shafts, and as an augment to press fits. 3M™ Scotch-Weld™ High Temperature Retaining Compound RT20G is a very high viscosity adhesive for bonding cylindrical parts, to give high strength bonds. RT20G is designed to augment the strength of slip fit assemblies and for use on loose-fitting or worn parts, where larger gap fill is required. It is designed for high service temperature applications (up to 400F, intermittent exposure). 3M™ Scotch-Weld™ High Strength Retaining Compound RT38 is high viscosity adhesive for bonding cylindrical parts, to give very high strength bonds. Typical applications include locking sleeves onto shafts. RT38 is designed to augment the strength of press fit and slip fit assemblies. Once applied, parts slip together easily, lubricated by the adhesive. RT38 prevents corrosion of assembled parts. 3M™ Scotch-Weld™ Bearing Mount Retaining Compound RT41 is a medium strength, low viscosity retaining compound, for bonding cylindrical parts, with controlled strength to allow disassembly for servicing and bearing re-use. It is also designed to augment the strength of press fit assemblies. 3M™ Scotch-Weld™ High Strength Retaining Compound RT48 is a medium viscosity, high strength retaining adhesive that is formulated to be fast curing and develop high strength quickly. It will withstand higher service temperature than standard products. RT48 cures when confined in the absence of air between close-fitting metal surfaces. Typical applications include mounting gears and motors on the shaft. RT48 is designed to augment the strength of press fit assemblies. Once applied, parts slip together easily, lubricated by the adhesive. |
Số phần tương tự - RT48 |
|
Mô tả tương tự - RT48 |
|
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |