| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RT09 bảng dữ liệu(PDF) 4 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
RT09 bảng dữ liệu(HTML) 4 Page - 3M Electronics |
|
4 / 6 page ![]() 3MTM Scotch-WeldTM Retaining Compound Anaerobic Adhesives RT09 • RT20G • RT38 • RT41 • RT48 Handling Information Directions for Use: 3MTM Scotch-WeldTM Retaining Compounds Anaerobic Adhesives are not recommended for use on most plastics due to potential cracking of plastic parts. Also, they are not recommended for use in piping systems that contain pure oxygen or an oxygen-rich environment, chlorine, or strong oxidizing substances. For Assembly: 1. Ensure parts are clean, dry and free from oil, grease and dirt. For best results, clean and dry parts with solvent or 3MTM Scotch-WeldTM Activator. (Activator can also be used on inactive surfaces or to accelerate the cure on active surfaces.) Note: Use of 3MTM Scotch-WeldTM Activator may reduce bond strength depending on substrates and gap. Testing is recommended to evaluate the effect. 2. If not sure of surface type, always use activator. Refer to Material surface Activity and Cure Speed section for more information. 3. Avoid touching the metal surfaces with the bottle tip since the metal ions may react with the adhesive upon contact and eventually may clog the bottle tip 4. Apply a bead of adhesive onto the shaft and inside the collar where the contact area will finally be assembled. For larger parts use more adhesive. Assemble parts and rotate to spread adhesive evenly around contact area Handling Information For Assembly: 5. Allow assemblies to set for sufficient time so that handling strength or full cure will occur before further processing or testing. For Disassembly: Apply localized heat (approximately 490oF / 254oC) to bonded parts then disassemble while parts are still hot. Use extreme caution when working with heat sources (e.g. heat gun, flame, etc.) |