| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BLUENRG-355AC bảng dữ liệu(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-355AC bảng dữ liệu(HTML) 54 Page - STMicroelectronics |
|
54 / 72 page ![]() Symbol Parameter Conditions Min. Typ. Max. Units th(MO) ns Data output hold time Master mode 2 - th(SO) Slave mode 4 1. The maximum frequency in slave transmitter mode is determined by the sum of tv(SO) and tsu(MI), which has to fit SCK low or high phase preceding the SCK sampling edge. This value can be achieved when the SPI communicates with a master having tsu(MI) = 0 while duty(SCK) = 50 %. Figure 17. SPI timing diagram - slave mode and CPHA = 0 Figure 18. SPI timing diagram - slave mode and CPHA = 1 BlueNRG-LP Operating conditions DS13282 - Rev 2 page 54/72 |