| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BLUENRG-355VT bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-355VT bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 72 page ![]() 3 Memory mapping Program memory, data memory and registers are organized within the same linear 4-Gbyte address space. The detailed memory map and the peripheral mapping of the BlueNRG-LP can be found in the reference manual (RM0479). Figure 10. Memory map SRAM0 (16 kB) 0x4000 0000 APB0 APB1 AHB0 0x4100 0000 0x4800 0000 Peripherals CortexTM M0+ Internal Peripherals 0xFFFF FFFF SRAM 0x2000 0000 0x1004 0000 0x1007 FFFF 0x2000 4000 0x2000 FFFF 0x6000 0000 APB2 (RF) 0x8FFF FFFF CODE 0x4000 0000 0xE000 0000 0x2000 0000 0x0000 0000 0x2000 8000 Main FLASH (256 kB) 0x8FFF FFFF Reserved Reserved CortexTM M0+ Flash or SRAM0, depending on REMAP configuration Reserved 0x1000 0000 0x0000 0000 0x0000 3FFF 0xE00F FFFF Reserved Reserved Reserved Reserved 0x1007 FFFF SRAM1 (16 kB) SRAM2 (16 kB) SRAM3 (16 kB) 0x2000 C000 0x2FFF FFFF Reserved Reserved Reserved Reserved 0x4002 0000 0x4100 2000 0x6002 0000 Reserved 0x2FFF FFFF BlueNRG-LP Memory mapping DS13282 - Rev 2 page 30/72 |