| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE4959-5U-R bảng dữ liệu(PDF) 10 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4959-5U-R bảng dữ liệu(HTML) 10 Page - Infineon Technologies AG |
|
10 / 14 page ![]() Data Sheet 10 Ver. 1.0 2019-07 TLE4959-5U-R Transmission Speed Sensor Package Information 4 Package Information Pure tin covering (green lead plating) is used. The product is RoHS (Restriction of Hazardous Substances) compliant and marked with letter G in front of the data code marking and may contain a data matrix code on the rear side of the package (see also information note 136/03). Please refer to your key account team or regional sales if you need further information. The specification for soldering and welding is defined in the latest revision of application note “Recommendation for Board Assembly-Hallsensor SSO Packages”. 4.1 Package Outline Figure 5 PG-SSO-4-1 (Plastic Green Single Slim Outline), Package Dimensions Figure 6 Position of the Hall Elements and distance to the branded Side |