công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F52103BDFM bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện R5F52103BDFM
Giải thích chi tiết về linh kiện  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52103BDFM bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button R5F52103BDFM Datasheet HTML 9Page - Renesas Technology Corp R5F52103BDFM Datasheet HTML 10Page - Renesas Technology Corp R5F52103BDFM Datasheet HTML 11Page - Renesas Technology Corp R5F52103BDFM Datasheet HTML 12Page - Renesas Technology Corp R5F52103BDFM Datasheet HTML 13Page - Renesas Technology Corp R5F52103BDFM Datasheet HTML 14Page - Renesas Technology Corp R5F52103BDFM Datasheet HTML 15Page - Renesas Technology Corp R5F52103BDFM Datasheet HTML 16Page - Renesas Technology Corp R5F52103BDFM Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 223 page
background image
R01DS0041EJ0150 Rev.1.50
Page 13 of 221
Oct 18, 2013
RX210 Group
1. Overview
1.3
Block Diagram
Figure 1.2 shows a block diagram.
Figure 1.2
Block Diagram
External bus
BSC
ICUb:
Interrupt controller
DTCa:
Data transfer controller
DMACA:
DMA controller
BSC:
Bus controller
WDTA:
Watchdog timer
IWDTa:
Independent watchdog timer
ELC:
Event link controller
CRC:
CRC (cyclic redundancy check) calculator
SCIc, SCId: Serial communications interface
RSPI:
Serial peripheral interface
RIIC:
I
2C bus interface
TPUa:
16-bit timer pulse unit
MTU2a: Multi-function timer pulse unit 2
POE2a: Port output enable 2
TMR:
8-bit timer
CMT:
Compare match timer
RTCb:
Realtime clock
DOC:
Data operation circuit
CAC:
Clock frequency accuracy measurement circuit
Clock
generation
circuit
RX CPU
RAM
ROM
Port 7
Port 8
Port 9
Port A
Port B
10-bit D/A converter × 2 channels
Temperature sensor
RIIC × 1 channel
DOC
WDTA
E2 DataFlash
CRC
ELC
RTCb
MTU2a × 6 channels
12-bit A/D converter × 16 channels
CMT × 2 channels (unit 1)
CMT × 2 channels (unit 0)
TMR × 2 channels (unit 1)
TMR × 2 channels (unit 0)
RSPI × 1 channel
DTCa
DMACA × 4
channels
ICUb
CAC
SCId × 1 channel
Port C
Port D
Port E
Port F
Port H
Port J
Port K
Port L
POE2a
IWDTa
Comparator B × 2 channels
Comparator A × 2 channels
Port 3
Port 4
Port 5
Port 6
Port 0
Port 1
Port 2
SCIc × 12 channels
TPUa × 6 channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com