| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F52318BDFM bảng dữ liệu(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F52318BDFM bảng dữ liệu(HTML) 14 Page - Renesas Technology Corp |
|
14 / 170 page ![]() R01DS0261EJ0120 Rev.1.20 Page 14 of 170 Sep 28, 2018 RX230 Group, RX231 Group 1. Overview 16-bit timer pulse unit TIOCA0, TIOCB0 TIOCC0, TIOCD0 I/O The TGRA0 to TGRD0 input capture input/output compare output/PWM output pins. TIOCA1, TIOCB1 I/O The TGRA1 and TGRB1 input capture input/output compare output/PWM output pins. TIOCA2, TIOCB2 I/O The TGRA2 and TGRB2 input capture input/output compare output/PWM output pins. TIOCA3, TIOCB3 TIOCC3, TIOCD3 I/O The TGRA3 to TGRD3 input capture input/output compare output/PWM output pins. TIOCA4, TIOCB4 I/O The TGRA4 and TGRB4 input capture input/output compare output/PWM output pins. TIOCA5, TIOCB5 I/O The TGRA5 and TGRB5 input capture input/output compare output/PWM output pins. TCLKA, TCLKB TCLKC, TCLKD Input Input pins for external clock signals. Multi-function timer pulse unit 2 MTIOC0A, MTIOC0B MTIOC0C, MTIOC0D I/O The TGRA0 to TGRD0 input capture input/output compare output/PWM output pins. MTIOC1A, MTIOC1B I/O The TGRA1 and TGRB1 input capture input/output compare output/PWM output pins. MTIOC2A, MTIOC2B I/O The TGRA2 and TGRB2 input capture input/output compare output/PWM output pins. MTIOC3A, MTIOC3B MTIOC3C, MTIOC3D I/O The TGRA3 to TGRD3 input capture input/output compare output/PWM output pins. MTIOC4A, MTIOC4B MTIOC4C, MTIOC4D I/O The TGRA4 to TGRD4 input capture input/output compare output/PWM output pins. MTIC5U, MTIC5V, MTIC5W Input The TGRU5, TGRV5, and TGRW5 input capture input/external pulse input pins. MTCLKA, MTCLKB, MTCLKC, MTCLKD Input Input pins for the external clock. Port output enable 2 POE0# to POE3#, POE8# Input Input pins for request signals to place the MTU pins in the high impedance state. Realtime clock RTCOUT Output Output pin for the 1-Hz/64-Hz clock. RTCIC0 to RTCIC2 Input Time capture event input pins. 8-bit timer TMO0 to TMO3 Output Compare match output pins. TMCI0 to TMCI3 Input Input pins for the external clock to be input to the counter. TMRI0 to TMRI3 Input Counter reset input pins. Serial communications interface (SCIg) • Asynchronous mode/clock synchronous mode SCK0, SCK1, SCK5, SCK6, SCK8, SCK9 I/O Input/output pins for the clock. RXD0, RXD1, RXD5, RXD6, RXD8, RXD9 Input Input pins for received data. TXD0, TXD1, TXD5, TXD6, TXD8, TXD9 Output Output pins for transmitted data. CTS0#, CTS1#, CTS5#, CTS6#, CTS8#, CTS9# Input Input pins for controlling the start of transmission and reception. RTS0#, RTS1#, RTS5#, RTS6#, RTS8#, RTS9# Output Output pins for controlling the start of transmission and reception. • Simple I2C mode SSCL0, SSCL1, SSCL5, SSCL6, SSCL8, SSCL9 I/O Input/output pins for the I2C clock. SSDA0, SSDA1, SSDA5, SSDA6, SSDA8, SSDA9 I/O Input/output pins for the I2C data. Table 1.5 Pin Functions (2/4) Classifications Pin Name I/O Description |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |