công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F280045PMS bảng dữ liệu(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện F280045PMS
Giải thích chi tiết về linh kiện  TMS320F28004x Microcontrollers
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

F280045PMS bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button F280045PMS Datasheet HTML 35Page - Texas Instruments F280045PMS Datasheet HTML 36Page - Texas Instruments F280045PMS Datasheet HTML 37Page - Texas Instruments F280045PMS Datasheet HTML 38Page - Texas Instruments F280045PMS Datasheet HTML 39Page - Texas Instruments F280045PMS Datasheet HTML 40Page - Texas Instruments F280045PMS Datasheet HTML 41Page - Texas Instruments F280045PMS Datasheet HTML 42Page - Texas Instruments F280045PMS Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 231 page
background image
39
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
www.ti.com
SPRS945E – JANUARY 2017 – REVISED APRIL 2020
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Terminal Configuration and Functions
Copyright © 2017–2020, Texas Instruments Incorporated
4.3.4
Test, JTAG, and Reset
Table 4-5. Test, JTAG, and Reset
SIGNAL NAME
DESCRIPTION
PIN
TYPE
GPIO
100 PZ
64
PMQ
64 PM
56 RSH
FLT1
Flash test pin 1. Reserved for TI. Must be left
unconnected.
I/O
49
30
FLT2
Flash test pin 2. Reserved for TI. Must be left
unconnected.
I/O
48
29
TCK
JTAG test clock with internal pullup.
I
60
36
36
33
TMS
JTAG test-mode select (TMS) with internal
pullup. This serial control input is clocked into
the TAP controller on the rising edge of TCK.
This device does not have a TRSTn pin. An
external pullup resistor (recommended 2.2
kΩ) on the TMS pin to VDDIO should be
placed on the board to keep JTAG in reset
during normal operation.
I/O
62
38
38
35
VREGENZ
Internal voltage regulator enable with internal
pulldown. Tie directly to VSS (low) to enable
the internal VREG. Tie directly to VDDIO
(high) to use an external supply.
I
73
46
46
X1
Crystal oscillator input or single-ended clock
input. The device initialization software must
configure this pin before the crystal oscillator
is enabled. To use this oscillator, a quartz
crystal circuit must be connected to X1 and
X2. This pin can also be used to feed a
single-ended 3.3-V level clock. GPIO19 is not
supported. Internally GPIO19 is connected to
the X1 function, therefore the GPIO19 should
be kept in Input Mode with the Pullup disabled
to avoid interference with the X1 clock
function.
I/O
69
42
42
39
XRSn
Device Reset (in) and Watchdog Reset (out).
During a power-on condition, this pin is driven
low by the device. An external circuit may also
drive this pin to assert a device reset. This pin
is also driven low by the MCU when a
watchdog reset occurs. During watchdog
reset, the XRSn pin is driven low for the
watchdog reset duration of 512 OSCCLK
cycles. A resistor with a value from 2.2 kΩ to
10 kΩ should be placed between XRSn and
VDDIO. If a capacitor is placed between
XRSn and VSS for noise filtering, it should be
100 nF or smaller. These values allow the
watchdog to properly drive the XRSn pin to
VOL within 512 OSCCLK cycles when the
watchdog reset is asserted. The output buffer
of this pin is an open-drain with an internal
pullup. If this pin is driven by an external
device, It should be done using an open-drain
device. If this pin is driven by an external
device, it should be done using an open-drain
device.
I/OD
2
3
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com