công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISOW7741FDFM bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện ISOW7741FDFM
Giải thích chi tiết về linh kiện  ISOW7741 5000-VRMS Reinforced Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ISOW7741FDFM bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button ISOW7741FDFM Datasheet HTML 9Page - Texas Instruments ISOW7741FDFM Datasheet HTML 10Page - Texas Instruments ISOW7741FDFM Datasheet HTML 11Page - Texas Instruments ISOW7741FDFM Datasheet HTML 12Page - Texas Instruments ISOW7741FDFM Datasheet HTML 13Page - Texas Instruments ISOW7741FDFM Datasheet HTML 14Page - Texas Instruments ISOW7741FDFM Datasheet HTML 15Page - Texas Instruments ISOW7741FDFM Datasheet HTML 16Page - Texas Instruments ISOW7741FDFM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
7.13 Electrical Characteristics Channel Isolator - VIO, VISOIN = 3.3-V
VIO, VISOIN = 3.3 V ±10% (over recommended operating conditions, unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Channel Isolation
VITH
Input pin rising threshold
0.7 x VSI
V
VITL
Input pin falling threshold
0.3 x VSI
V
VI(HYS)
Input pin threshold hysteresis
(INx)
0.1 x VSI
V
IIL
Low level input current
VIL = 0 at INx
-25
µA
IIH
High level input current
VIH = VSI (1) at INx
25
µA
VOH
High level output voltage
IO = –4 mA, see TBD
VSO (1) –
0.3
V
VOL
Low level output voltage
IO = 4 mA, see TBD
0.3
V
CMTI
Common mode transient
immunity
VI = VSI or 0 V, VCM = 1000 V; see TBD
100
kV/us
(1)
VSI = input side supply; VSO = output side supply
7.14 Supply Current Characteristics Channel Isolator - VIO, VISOIN = 3.3-V
VIO, VISOIN = 3.3 V ±10% (over recommended operating conditions, unless otherwise specified)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISOW7741 Channel Supply Current
Supply current - Disable
EN_IO1 = EN_IO2 = 0 V; VI = VCCI (1) (ISOW7741);
VI = 0 V (ISOW7741 with F suffix)
IDD_IO
2.8
4
mA
IISOIN
4.2
6.3
mA
EN_IO1 = EN_IO2 = 0 V; VI = 0 V (ISOW7741);
VI = VCCI (ISOW7741 with F suffix)
IDD_IO
2.8
4
mA
IISOIN
4.2
6.3
mA
Channel Supply current -
DC signal
EN_IO1 = EN_IO2 = VCCI; VI = VCCI (ISOW7741);
VI = 0 V (ISOW7741 with F suffix)
IDD_IO
2.8
4
mA
IISOIN
4.2
6.3
mA
EN_IO1 = EN_IO2 = VCCI; VI = 0 V (ISOW7741);
VI = VCCI (ISOW7741 with F suffix)
IDD_IO
6.1
8.3
mA
IISOIN
5.5
7.9
mA
Channel Supply current -
AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
IDD_IO
4.4
6.3
mA
IISOIN
4.9
7.1
mA
10 Mbps
IDD_IO
4.8
6.7
mA
IISOIN
5.9
8.1
mA
100 Mbps
IDD_IO
8.4
10.8
mA
IISOIN
15.1
24.3
mA
(1)
VCCI = VIO or VISOIN
www.ti.com
ISOW7741
SLLSFK1 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISOW7741



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com