công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD404814FS bảng dữ liệu(PDF) 25 Page - Renesas Technology Corp

tên linh kiện HD404814FS
Giải thích chi tiết về linh kiện  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404814FS bảng dữ liệu(HTML) 25 Page - Renesas Technology Corp

Back Button HD404814FS Datasheet HTML 21Page - Renesas Technology Corp HD404814FS Datasheet HTML 22Page - Renesas Technology Corp HD404814FS Datasheet HTML 23Page - Renesas Technology Corp HD404814FS Datasheet HTML 24Page - Renesas Technology Corp HD404814FS Datasheet HTML 25Page - Renesas Technology Corp HD404814FS Datasheet HTML 26Page - Renesas Technology Corp HD404814FS Datasheet HTML 27Page - Renesas Technology Corp HD404814FS Datasheet HTML 28Page - Renesas Technology Corp HD404814FS Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
HD404818 Series
23
Interrupt Enable Flag (IE: $000, Bit 0): The interrupt enable flag enables/disables interrupt requests
(table 4). It is reset by an interrupt and set by the RTNI instruction.
Table 4 Interrupt Enable Flag
IE
Interrupt Enabled/Disabled
0
Disabled
1
Enabled
External Interrupts (
INT
0, INT1):
The external interrupt request inputs (
INT
0, INT1) can be selected by
port mode register A (PMRA: $004).
The external interrupt request flags (IF0, IF1) are set at the falling edge of
INT
0
and
INT
1 inputs,
respectively (table 5).
The
INT
1 input can be used as a clock signal input to timer B, in which timer B counts up at each falling
edge of the
INT
1 input. When using INT1 as the timer B external event input, the external interrupt mask
(IM1) has to be set so that the interrupt request by
INT
1 will not be accepted (table 6).
More than two instruction cycle times (2t
cyc/2tsubcyc) are needed to detect the edge of INT0 or INT1.
External Interrupt Request Flags (IF0: $000, Bit 2; IF1: $001, Bit 0): The external interrupt request
flags (IF0, IF1) are set at the falling edge of the
INT
0 and INT1 inputs, respectively (table 5).
Table 5 External Interrupt Request Flags
IF0, IF1
Interrupt Request
0No
1
Yes
External Interrupt Masks (IM0: $000, Bit 3; IM1: $001, Bit 1): The external interrupt masks mask the
external interrupt requests (table 6).
Table 6 External Interrupt Masks
IM0, IM1
Interrupt Request
0
Enabled
1
Disabled (masked)
Timer A Interrupt Request Flag (IFTA: $001, Bit 2): The timer A interrupt request flag is set by the
overflow output of timer A (table 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com