công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLLS690C bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện SLLS690C
Giải thích chi tiết về linh kiện  X1 PCI Express Serial Link
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SLLS690C bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button SLLS690C Datasheet HTML 9Page - Texas Instruments SLLS690C Datasheet HTML 10Page - Texas Instruments SLLS690C Datasheet HTML 11Page - Texas Instruments SLLS690C Datasheet HTML 12Page - Texas Instruments SLLS690C Datasheet HTML 13Page - Texas Instruments SLLS690C Datasheet HTML 14Page - Texas Instruments SLLS690C Datasheet HTML 15Page - Texas Instruments SLLS690C Datasheet HTML 16Page - Texas Instruments SLLS690C Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Description
9
June 2006 Revised August 2011
SLLS690C
Table 2−5. XIO1100 Terminals (Continued)
TERMINAL
DESCRIPTION
I/O
TX_ELECIDLE
N9
I
Forces TXN/TXP outputs to electrical idle.
When de−asserting low while in P0 state (POWERDOWN[1:0] = 00), indicates that
valid data is on the TXDATA bus and that this data should be transmitted.
When asserted high while in P0s state (POWERDOWN[1:0] = 01), always asserted
for P0s state.
When asserted high while in P1 state (POWERDOWN[1:0] = 10), always asserted
for P1 state.
TX_COMPLIANCE
N8
I
Transmit Compliance Pattern
When asserted high, the XIO1100 sets the running disparity to negativity. Used
when transmitting the compliance pattern.
TX_DET_LOOPBACK
L5
I
Begin Receive Detect/Begin Loop−Back
Input to device to either begin a receive detect operation or enter loop−back mode.
RX_CLK
B8
O
Synchronous Output Clock for RX_DATA[15:0] and RX_DATAK[1:0] outputs
If the DDR_EN signal is low during /RESET transitioning from a low state to a high
state, RX_CLK is a SDR clock, and RX_DATA[15:0] and RX_DATAK[1:0] are
latched on the rising edge of RX_CLK.
If the DDR_EN signal is high during /RESET transitioning from a low state to a high
state, RX_CLK is a DDR clock and RX_DATA[7:0] and RX_DATAK[0] are latched
on both the rising and falling edge of the RX_CLK. RX_DATA[15:8] and
RX_DATAK[1] are not used.
RX_CLK is also used as the internal PCLK for the XIO1100.
RX_DATA[15:0]
A7, B6, A6, B5,
A5, B4, A4, A3,
C1, C2, D2, D1,
E2, E1, F2, F1
O
Parallel Data Receive Bus
If the DDR_EN signal is low during /RESET transitioning from a low state to a high
state, RX_DATA[15:0] is latched on the rising edge of the RX_CLK. RX_DATA[7:0]
represents the first symbol received, and RX_DATA[15:8] represents the second
symbol received from the RXN and RXP differential signal pair.
If the DDR_EN signal is high during /RESET transitioning from a low state to a high
state, RX_DATA[7:0] is latched on both the rising edge and falling edge of the
RX_CLK. The data on RX_DATA[7:0] during the rising edge of the RX_CLK
represents the first symbol received, and the data on RX_DATA[7:0] during the
falling edge of the RX_CLK represents the second symbol received from the RXN
and RXP differential signal pair.
RX_DATA[15:8] is not used.
RX_DATAK[1:0]
B7, A8
O
Data/Control for the parallel data receive bus
If the DDR_EN signal is low during /RESET transitioning from a low state to a high
state, the state of RX_DATAK[0] corresponds to RX_DATA[7:0], and RX_DATAK[1]
corresponds to RX_DATA[15:8].
If the DDR_EN signal is high during /RESET transitioning from a low state to a high
state, the state of RX_DATA[0] corresponds to the data on RX_DATA[7:0] during the
same phase of the clock. RX_DATAK[1] is not used.
A value of zero indicates that the corresponding RXDATA bits contain data
information. A value of one indicates that the corresponding RXDATA bits contain a
control byte.
NOTE: The TI−PIPE interface can operate at either 1.5 V or 1.8 V, depending on the voltage level of VDD_IO. If VDD_IO is 1.5 V, the TI−PIPE
interface operates at 1.5 V level. If VDD_IO is 1.8 V, the TI−PIPE interface operates at 1.8 V level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com