| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL082ACDRE4 bảng dữ liệu(PDF) 37 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL082ACDRE4 bảng dữ liệu(HTML) 37 Page - Texas Instruments |
|
37 / 66 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 19-Dec-2020 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL081IDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 TL081I TL081IP ACTIVE PDIP P 8 50 RoHS & Green NIPDAU N / A for Pkg Type -40 to 85 TL081IP TL082ACD ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 082AC TL082ACDE4 ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 082AC TL082ACDG4 ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 082AC TL082ACDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 082AC TL082ACDRE4 ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 082AC TL082ACDRG4 ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 082AC TL082ACP ACTIVE PDIP P 8 50 RoHS & Non-Green NIPDAU N / A for Pkg Type 0 to 70 TL082ACP TL082ACPSR ACTIVE SO PS 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 T082A TL082BCD ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 082BC TL082BCDE4 ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 082BC TL082BCDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 082BC TL082BCDRE4 ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 082BC TL082BCDRG4 ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 082BC TL082BCP ACTIVE PDIP P 8 50 RoHS & Non-Green NIPDAU N / A for Pkg Type 0 to 70 TL082BCP TL082BCPE4 ACTIVE PDIP P 8 50 RoHS & Non-Green NIPDAU N / A for Pkg Type 0 to 70 TL082BCP TL082CD ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 TL082C TL082CDE4 ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 TL082C TL082CDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 TL082C |