| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL082ACDR bảng dữ liệu(PDF) 38 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL082ACDR bảng dữ liệu(HTML) 38 Page - Texas Instruments |
|
38 / 66 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 19-Dec-2020 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL082CDRE4 ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 TL082C TL082CDRG4 ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 TL082C TL082CP ACTIVE PDIP P 8 50 RoHS & Green NIPDAU N / A for Pkg Type 0 to 70 TL082CP TL082CPSR ACTIVE SO PS 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 T082 TL082CPSRG4 ACTIVE SO PS 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 T082 TL082CPW ACTIVE TSSOP PW 8 150 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 T082 TL082CPWR ACTIVE TSSOP PW 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 T082 TL082CPWRG4 ACTIVE TSSOP PW 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 T082 TL082ID ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 TL082I TL082IDG4 ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 TL082I TL082IDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 TL082I TL082IDRE4 ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 TL082I TL082IDRG4 ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 TL082I TL082IP ACTIVE PDIP P 8 50 RoHS & Green NIPDAU N / A for Pkg Type -40 to 85 TL082IP TL082IPE4 ACTIVE PDIP P 8 50 RoHS & Green NIPDAU N / A for Pkg Type -40 to 85 TL082IP TL082IPWR ACTIVE TSSOP PW 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 Z082 TL082MFKB ACTIVE LCCC FK 20 1 Non-RoHS & Non-Green POST-PLATE N / A for Pkg Type -55 to 125 5962- 9851501Q2A TL082MFKB TL082MJG ACTIVE CDIP JG 8 1 Non-RoHS & Non-Green SNPB N / A for Pkg Type -55 to 125 TL082MJG TL082MJGB ACTIVE CDIP JG 8 1 Non-RoHS & Non-Green SNPB N / A for Pkg Type -55 to 125 9851501QPA TL082M TL084ACD ACTIVE SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 TL084AC |