công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FN-3472 bảng dữ liệu(PDF) 1 Page - Schaffner International Ltd

tên linh kiện FN-3472
Giải thích chi tiết về linh kiện  Ecosine max, 400 VAC 60 Hz Full Performance Passive Harmonic Filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SCHAFFNER [Schaffner International Ltd]
Trang chủ  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-3472 bảng dữ liệu(HTML) 1 Page - Schaffner International Ltd

  FN-3472 Datasheet HTML 1Page - Schaffner International Ltd FN-3472 Datasheet HTML 2Page - Schaffner International Ltd FN-3472 Datasheet HTML 3Page - Schaffner International Ltd FN-3472 Datasheet HTML 4Page - Schaffner International Ltd FN-3472 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA
SHEET
Ecosine max (5% THDi) FN 3472
Ecosine max, 400 VAC 60 Hz Full Performance Passive Harmonic Filters
Demonstrate best cost-performance ratio
Achieve 5% THDi for diode rectifier without
DC-link choke and thyristor rectifier
Best-in-class partial load performance
Most compact open panel design for cabinet
integration
Reliable and robust
Plug and play, ready to use
Technical specifications
Nominal operating voltage
3 x 380 VAC to 415 VAC ±10%
Operating frequency
60 Hz ±1 Hz
Nominal motor drive input power rating
280 to 480HP
Total harmonic current distortion THDi*
<5% @ rated power for drives without Ldc
~3.5% @ rated power for drives equipped with 4% Ldc
Efficiency
>99% for rated voltage and power
Overload capability
1.6x rated current for 1 minute, once per hour
SCCR**
100 kA (UL approved)
High potential test voltage
P -> E 2520 VAC (1s)
Overvoltage category
OV III (IEC 60664-1)
Earthing System
TN, TT, IT
Protection category
IP 00
Cooling
External cooling***
Ambient temperature range
–25°C to +40°C fully operational
+40°C to +70°C derated operation****
–25°C to +85°C transport and storage
Design corresponding to
Filter: UL 61800-5-1, EN 61800-5-1
Chokes: EN 60076-6
Flammability corresponding to
UL 94 V-2
MTBF @ 40°C/400 V (Mil-HB-217F)
>200,000 hours
*****System requirements: THDv <2%, line voltage unbalance <1%
*****Note: performance specifications in this brochure refer to six-pulse diode rectifiers.
*****SCR rectifier front-ends will produce different results, dependent upon the firing angle of the thyristors.
*****External UL-rated fuses required. Please consult the user manual.
*****Please check the inlet air flow required for cooling table further in this document and the user manual.
*****Iderated = Inominal*√((Tmax-Tamb)/(Tmax-Tnominal)) = Inom*√((70°C-Tamb)/30°C)
Approvals & Compliances
Features and benefits
Schaffner ecosine harmonic filters represent an
economical solution to the challenge of load-applied
harmonics mitigation in three-phase power systems.
With a plug-and-play approach and more compact
dimensions than comparable products, they can be
quickly installed and easily commissioned. They
increase the reliability and service life of electric
installations, help utilize electric sytem capacity
better, and are the key to meet Power Quality
standards such as IEEE 519. Ecosine filters reshape
your distorted current back to the desired sinusoidal
waveform. Schaffner ecosine filters can be applied to
virtually any kind of power electronics with front-end
six-pulse rectifiers, 3-phase diode or thyristor bridges,
where harmonic current distortion needs to be
reduced to defined limits.
Typical applications
Equipment with front-end six-pulse rectifier
Motor drives
Factory automation equipment
Water/wastewater treatment facilities
Fan and pump applications
HVAC installations
Mission-critical processes
DC fast chargers
Typical electrical schematic


Số phần tương tự - FN-3472

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schaffner International...
FN-3473 SCHAFFNER-FN-3473 Datasheet
615Kb / 5P
Ecosine max, 400 VAC 60 Hz Economy Passive Harmonic Filters
More results

Mô tả tương tự - FN-3472

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schaffner International...
FN-3410 SCHAFFNER-FN-3410 Datasheet
471Kb / 5P
Ecosine 50 Hz Passive Harmonic Filters
FN-3410-HV-690 SCHAFFNER-FN-3410-HV-690 Datasheet
2Mb / 5P
Ecosine 50 Hz Passive Harmonic Filters
FN-3412 SCHAFFNER-FN-3412 Datasheet
473Kb / 5P
Ecosine 60 Hz Passive Harmonic Filters
FN-3413 SCHAFFNER-FN-3413 Datasheet
471Kb / 5P
Ecosine 60 Hz Passive Harmonic Filters
FN-3440 SCHAFFNER-FN-3440 Datasheet
3Mb / 10P
Ecosine evo, 400 VAC 50 Hz Full Performance Passive Harmonic Filters
FN-3441 SCHAFFNER-FN-3441 Datasheet
7Mb / 10P
Ecosine evo, 400 VAC 50 Hz Passive Harmonic Filters
FN-3442 SCHAFFNER-FN-3442 Datasheet
1Mb / 7P
400 VAC 60 Hz Full Performance Passive Harmonic Filters
FN-3473 SCHAFFNER-FN-3473 Datasheet
615Kb / 5P
Ecosine max, 400 VAC 60 Hz Economy Passive Harmonic Filters
FN-3480 SCHAFFNER-FN-3480 Datasheet
615Kb / 5P
480 VAC 50 Hz Full Performance Passive Harmonic Filters
FN-3482 SCHAFFNER-FN-3482 Datasheet
616Kb / 5P
480 VAC 60 Hz Full Performance Passive Harmonic Filters
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com