| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM8500 bảng dữ liệu(PDF) 18 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM8500 bảng dữ liệu(HTML) 18 Page - National Semiconductor (TI) |
|
18 / 20 page ![]() 14.0 Calibration (Continued) send a reply byte of $CC to the TS driver. At this point, the TS driver should either notify the user to redo the calibration point or automatically redo the calibration again. If the self- test was successful, the device will send a reply byte of $CB to the TS driver. 14.3 CALIBRATION PROCEDURES WITH COORDINATES CHECKING DISABLED To do TS calibration with coordinates checking disabled, first ensure the Calibration Coordinates Checking is disabled on the device. This can be accomplished by sending a com- mand byte of $B1 (Read Parameters command) and check- ing the 5th bit of the 12th reply byte is not set. Alternatively, if the device is set to Calibration Coordinates Checking disabled as default, this step can be skipped. The TS driver sends the command byte to do calibration ($BD). The TS driver should wait for the reply bytes and ensure it is the same command bytes it sent. The device waits for a touch to be detected on the panel. Once a touch is detected, the device save the values into the internal flash and send a reply byte of $C4 to the TS driver. The TS driver can now send a command byte to do the next calibration point. Since the Calibration Checking is disabled, the TS driver should ensure the calibration point is within the range of the calibration cross. Once all the calibration points are done, the device does a self-test. If the self-test was not successful, the device will send a reply byte of $CC to the TS driver. At this point, the TS driver should either notify the user to redo the calibration point or automatically redo the calibration again. If the self- test was successful, the device will send a reply byte of $CB to the TS driver. 15.0 Revision History Date Section Summary of Changes October 2002 Initial release. May 2003 All sections Removed LM8400 part. Brownout Reset Updated section to reflect the change and made external reset circuitry optional. July 2003 Advanced Command Bytes Descriptions Added command byte $A5 Updated controller reply bytes December 2003 Advanced Command Bytes Descriptions Added description for command byte $A5 www.national.com 18 |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |