công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74HCS237-Q1 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74HCS237-Q1
Giải thích chi tiết về linh kiện  SN74HCS237-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS237-Q1 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74HCS237-Q1 Datasheet HTML 1Page - Texas Instruments SN74HCS237-Q1 Datasheet HTML 2Page - Texas Instruments SN74HCS237-Q1 Datasheet HTML 3Page - Texas Instruments SN74HCS237-Q1 Datasheet HTML 4Page - Texas Instruments SN74HCS237-Q1 Datasheet HTML 5Page - Texas Instruments SN74HCS237-Q1 Datasheet HTML 6Page - Texas Instruments SN74HCS237-Q1 Datasheet HTML 7Page - Texas Instruments SN74HCS237-Q1 Datasheet HTML 8Page - Texas Instruments SN74HCS237-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SN74HCS237-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with
Address Latches and Schmitt-Trigger Inputs
1 Features
• AEC-Q100 Qualified for automotive applications:
– Device temperature grade 1: –40°C to +125°C,
TA
– Device HBM ESD Classification Level 2
– Device CDM ESD Classifcation Level C6
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
2 Applications
• Memory device selection with shared data bus
• Reduce required number of outputs for chip select
applications
• Route data
3 Description
The SN74HCS237-Q1 is a three to eight decoder with
latched address inputs, one standard output strobe
(G0), and one active low output strobe (G1). When the
latch enable (LE) input is high, the device acts as a
standard three to eight decoder. When the latch
enable (LE) input is low, the address latch retains its
previous state. When the outputs are gated by either
strobe input, they are all forced into the low state.
When the outputs are not disabled by one or both of
the strobe inputs, only the selected output is high
while all others are low.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS237PW-Q1
TSSOP (16)
5.00 mm × 4.40 mm
SN74HCS237D-Q1
SOIC (16)
9.90 mm × 3.90 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
www.ti.com
SN74HCS237-Q1
SCLS809 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74HCS237-Q1
SN74HCS237-Q1
SCLS809 – SEPTEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - SN74HCS237-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74HCS237-Q1 TI-SN74HCS237-Q1 Datasheet
691Kb / 20P
SN74HCS237 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
SN74HCS237-Q1 TI-SN74HCS237-Q1 Datasheet
691Kb / 19P
SN74HCS237-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
SN74HCS237-Q1 TI2-SN74HCS237-Q1 Datasheet
1,005Kb / 26P
SN74HCS237-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
REVISED JUNE 2021
SN74HCS237-Q1 TI2-SN74HCS237-Q1 Datasheet
1,003Kb / 26P
SN74HCS237 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt- Trigger Inputs
REVISED JUNE 2021
More results

Mô tả tương tự - SN74HCS237-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74HCS137-Q1 TI1-SN74HCS137-Q1 Datasheet
830Kb / 23P
SN74HCS137-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
SN74HCS137 TI-SN74HCS137 Datasheet
689Kb / 19P
SN74HCS137 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
SN74HCS237 TI-SN74HCS237 Datasheet
691Kb / 20P
SN74HCS237 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
SN74HCS237-Q1 TI-SN74HCS237-Q1 Datasheet
691Kb / 19P
SN74HCS237-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
SN74HCS238-Q1 TI-SN74HCS238-Q1 Datasheet
661Kb / 17P
SN74HCS238-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS137-Q1 TI-SN74HCS137-Q1_V01 Datasheet
830Kb / 23P
SN74HCS137-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
SN74HCS238-Q1 TI-SN74HCS238-Q1_V01 Datasheet
1Mb / 23P
SN74HCS238-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138-Q1 TI-SN74HCS138-Q1_V03 Datasheet
2Mb / 33P
SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS238-Q1 TI-SN74HCS238-Q1_V02 Datasheet
2Mb / 32P
SN74HCS238-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138-Q1 TI-SN74HCS138-Q1_V04 Datasheet
2Mb / 37P
SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com