công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SL18860DC bảng dữ liệu(PDF) 7 Page - Silicon Laboratories

tên linh kiện SL18860DC
Giải thích chi tiết về linh kiện  3-Channel Clock Distribution Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL18860DC bảng dữ liệu(HTML) 7 Page - Silicon Laboratories

Back Button SL18860DC Datasheet HTML 3Page - Silicon Laboratories SL18860DC Datasheet HTML 4Page - Silicon Laboratories SL18860DC Datasheet HTML 5Page - Silicon Laboratories SL18860DC Datasheet HTML 6Page - Silicon Laboratories SL18860DC Datasheet HTML 7Page - Silicon Laboratories SL18860DC Datasheet HTML 8Page - Silicon Laboratories SL18860DC Datasheet HTML 9Page - Silicon Laboratories SL18860DC Datasheet HTML 10Page - Silicon Laboratories SL18860DC Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Rev 1.8, March 16 , 2012
Page 3 of 12
SL18860DC
AC Electrical Characteristics (I-Grade)
Unless otherwise stated VDD= 3.3V+/- 10% and Operation Temperature Range -40 to +85°C
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Clock Range
CLKIN
External Clock, CMOS square wave
10
26.000
52
MHz
Output Clock Range
CLKOUT
External Clock, CMOS square wave
CLKOUT1/2/3
10
26.000
52
MHz
Input Clock Voltage
Swing Level
VINpp
VDD=3.3V, connect to CLKIN directly
1.32
1.4
-
V
VDD=3.3V, connect to CLKIN through
AC coupling and bias circuit
0.6
-
-
V
Input Duty Cycle
DCIN
CLKIN, Pin 3
30
50
70
%
Output Clock Rise
Time
tr
VDD=1.8, CL=10pF, measured from
10 to 90% of VDD, Pins 4, 8, 9 and
10
-
1.2
2.2
ns
Output Clock Fall
Time
tf
VDD=1.8, CL=10pF, measured from
10 to 90% of VDD, Pins 4, 8, 9 and
10
-
1.2
2.2
ns
Additive Phase Noise
APN-1
CLKIN=26MHz and 1 kHz offset
CLKOUT1/2/3
-
-138
-
dBc/Hz
Additive Phase Noise
APN-2
CLKIN=26MHz and 10 kHz offset
CLKOUT1/2/3
-
-157
-
dBc/Hz
Additive Phase Noise
APN-3
CLKIN=26MHz and 100 kHz offset
CLKOUT1/2/3
-
-165
-
dBc/Hz
Power-up Time
tPU
Time duration until CLKOUT1/2/3
frequency reaches valid frequency
after power supply reaches 0.9xVDD
value
-
100
200
ns
Output Enable Time
tOE1
Time from OE raising edge to active
at outputs CLKOUT1/2/3
(Asynchronous)
-
25
-
ns
Output Disable Time
tOD
Time from OE falling edge to Hi-Z at
outputs CLKOUT1/2/3
(Asynchronous)
-
25
-
ns
Output Enable Time
tOE2
Active recovery time from standby
(CLKIN=0 or 1) to active at outputs
CLKOUT1/2/3
-
100
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com