công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD16704 bảng dữ liệu(PDF) 9 Page - NEC

tên linh kiện UPD16704
Giải thích chi tiết về linh kiện  240-OUTPUT TFT-LCD GATE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD16704 bảng dữ liệu(HTML) 9 Page - NEC

Back Button UPD16704 Datasheet HTML 5Page - NEC UPD16704 Datasheet HTML 6Page - NEC UPD16704 Datasheet HTML 7Page - NEC UPD16704 Datasheet HTML 8Page - NEC UPD16704 Datasheet HTML 9Page - NEC UPD16704 Datasheet HTML 10Page - NEC UPD16704 Datasheet HTML 11Page - NEC UPD16704 Datasheet HTML 12Page - NEC UPD16704 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet S15809EJ1V0DS
9
µµµµ PD16704
4. TIMING CHART (R,/L = H)
As shown in the figure below, when DS = H, scan signals are output successively from two outputs in synchronization
with the rise of CLK (double scan operation).
It is also possible to accelerate the fall timing of one of the scan signals (the output side in normal scan mode) in a
double scan operation by using the DSOE signal. DSOE is input asynchronously to the clock, and the output is fixed to
VEE2 in the period between the rise of DSOE and the rise of CLK.
The DSOE signal is only enabled during a double scan operation.
CLK
OE
DS
DSOE
STV
O1
O2
O3
O4
O5
O6
O7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14